Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM008-A-R-SD Datasheet(PDF) 3 Page - ABLIC Inc.

Part # FM008-A-R-SD
Description  PIN-SELECTABLE WAKE-UP TIMER IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD Datasheet(HTML) 3 Page - ABLIC Inc.

  FM008-A-R-SD Datasheet HTML 1Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 2Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 3Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 4Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 5Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 6Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
WAKE-UP TIMER IC
PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35720 Series
3
Product Name Structure
1. Product name
S-35720 C xx I - K8T2 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product name
Operation temperature
I:
Ta =
−40°C to +85°C
Package abbreviation and IC packing specification*1
K8T2: TMSOP-8, Tape
Option code
01, 02
Fixed value
C:
Quartz crystal CL = 6.0 pF
*1. Refer to the tape drawing.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 2
Product Name
RST
_______
Pin
INT Pin
Output Form
Time-out Type
SET0 Pin, SET1 Pin Settings (SET0, SET1)
0, 0
0, 1
1, 0
1, 1
S-35720C01I-K8T2U
With pull-up
resistor
Nch open-drain
output
One-shot loop time-out
(7.8 ms*1)
60 s
10 s
30 s
1 s
S-35720C02I-K8T2U
With pull-up
resistor
CMOS output
One-shot loop time-out
(125 ms*1)
60 s
10 s
30 s
1 s
*1. Values of pulse width. Refer to " INT Pin Interrupt Signal Output" for the details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com