Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONETR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST-ONETR
Description  Fully integrated controller for smart chargers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONETR Datasheet(HTML) 5 Page - STMicroelectronics

  ST-ONETR Datasheet HTML 1Page - STMicroelectronics ST-ONETR Datasheet HTML 2Page - STMicroelectronics ST-ONETR Datasheet HTML 3Page - STMicroelectronics ST-ONETR Datasheet HTML 4Page - STMicroelectronics ST-ONETR Datasheet HTML 5Page - STMicroelectronics ST-ONETR Datasheet HTML 6Page - STMicroelectronics ST-ONETR Datasheet HTML 7Page - STMicroelectronics ST-ONETR Datasheet HTML 8Page - STMicroelectronics ST-ONETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3
Typical application schematic
The following image is a simplified schematic for the typical application
Figure 4. Typical configuration
VOSNS
CC1/2
GPIO0/1
PGND
LEB
P3V3
CCLAMP
CBULK
RSNS_PRI
COUT
COUT
RSNS_IOUT
HS
OR
SR
LS
AC
AC
VOUT
VOUT
VDRV
VDRV
RZCD_PU
RZCD
n:1
The IC requires some external components to operate. On the primary side a driver and two FETs are required to
operate the power transformer, plus a clamp capacitor which stores the residual energy in the leakage inductance
at low-side turn-off and recovers it at the end of each cycle. A circuit to provide power to the IC after the high
voltage startup is connected to an auxiliary winding of the transformer, while a scaled voltage from the auxiliary
winding is used to provide an overvoltage function.
On the secondary side a synchronous rectifier FET is connected to the SRGD pin, while a cascode FET is
connected to the SRVDS to provide synchronous rectifier drain voltage sense while limiting the voltage on the pin
below its AMR.
An N-channel MOSFET connected to ORGD pin is used as load switch to disconnect the output voltage as
required by USB-PD power supplies. A sense resistor is connected to CSM/CSP pins to read the output current.
A capacitor and two diodes are connected to the PUMP pin to implement a charge pump providing the driving
voltage to the synchronous rectifier.
ST-ONE
Typical application schematic
DB4752 - Rev 1
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com