Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONETR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST-ONETR
Description  Fully integrated controller for smart chargers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONETR Datasheet(HTML) 1 Page - STMicroelectronics

  ST-ONETR Datasheet HTML 1Page - STMicroelectronics ST-ONETR Datasheet HTML 2Page - STMicroelectronics ST-ONETR Datasheet HTML 3Page - STMicroelectronics ST-ONETR Datasheet HTML 4Page - STMicroelectronics ST-ONETR Datasheet HTML 5Page - STMicroelectronics ST-ONETR Datasheet HTML 6Page - STMicroelectronics ST-ONETR Datasheet HTML 7Page - STMicroelectronics ST-ONETR Datasheet HTML 8Page - STMicroelectronics ST-ONETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
ZVS non-complementary active clamp flyback controller with synchronous
rectification and USB-PD 3.1 PPS interface
•
ARM® 32-bit Cortex®-M0+ MCU with 64 kB flash memory for digital power
control and USB protocol
–
FW programmable secondary side MCU controls both synchronous rectifier
and ZVS Active Clamp flyback on the primary side to improve system
efficiency in every condition
–
High switching frequency operations in companion with MasterGaN power
stage allow to use small size magnetic components, including planar
transformers
•
Reinforced galvanically isolated dual communication channel compliant with IEC
62368:
–
4 kV pk transient voltage
–
9.6 kV pk 1min hipot type testing
–
6.4 kV pk 1s hipot production testing
•
800 V high voltage startup with integrated input voltage sensing and Brown-
in/out functions
•
Active input filter capacitor discharge circuitry for reduced standby power
compliant with IEC 62368-1
•
Fully Integrated USB-PD PHY with 24 V tolerant protection, and integrated load
switch driver
Application
•
USB-PD chargers and adapters up to 100 W for smartphones, tablets, laptops
and other handheld equipment
Description
The ST-ONE is the world’s first digital controller embedding ARM Cortex M0+ core,
an offline programmable controller with synchronous rectification, and USB PD
PHY in a single package. Such a system is specifically designed to control ZVS
non-complementary active clamp flyback converters to create high power density
chargers and adapters with USB-PD interface.
The device includes an active clamp flyback controller and its HV startup on
the primary side, a microcontroller and all the peripherals required to control the
conversion and the USB-PD communication on the secondary side. The two sides
are connected through an embedded galvanically isolated dual communication
channel. By using a novel non-complementary control technique and specifically
designed power modes the device allows to reach both high efficiency and low no
load power consumption
The device is delivered with a pre-loaded firmware which handles both the power
conversion and the communication protocols for USB-PD including optional PPS and
electronically marked cable management.
A dedicated memory stores a default device configuration during factory process.
The user can change or adapt this memory area to fit the final product specifications.
Product status link
ST-ONE
Product label
Figure 1. Typical system block
diagram
VBUS
VINAC
TYPE-C
USB
ST-ONE
Fully integrated controller for smart chargers
ST-ONE
Data brief
DB4752 - Rev 1 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST-ONETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-ONEMP STMICROELECTRONICS-ST-ONEMP Datasheet
1Mb / 39P
Fully integrated controller for multiport smart chargers
10-Feb-2023
ST-ONEMPTR STMICROELECTRONICS-ST-ONEMPTR Datasheet
1Mb / 39P
Fully integrated controller for multiport smart chargers
10-Feb-2023
More results

Similar Description - ST-ONETR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
alpha microelectronics ...
AMG-XB404 ALPHA-MICRO-AMG-XB404 Datasheet
1Mb / 73P
Fully Integrated Single Motor Controller for Electrical Motors
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
Fully integrated
logo
Maxim Integrated Produc...
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
logo
NXP Semiconductors
MC34SB0410 NXP-MC34SB0410 Datasheet
1Mb / 54P
Fully integrated quad valve controller system on chip
Rev. 3.0, 8/2016
MC34SB0800 NXP-MC34SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
logo
STMicroelectronics
ST-ONEMP STMICROELECTRONICS-ST-ONEMP Datasheet
1Mb / 39P
Fully integrated controller for multiport smart chargers
10-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com