Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet (PDF) - STMicroelectronics

ST-ONEMP Datasheet PDF - STMicroelectronics
Part # ST-ONEMP
Download  ST-ONEMP Download
File Size   1753.62 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully integrated controller for multiport smart chargers

ST-ONEMP Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-ONEMP Datasheet PDF - STMicroelectronics

Part # ST-ONEMP
Download  ST-ONEMP Click to download

File Size   1753.62 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully integrated controller for multiport smart chargers

ST-ONEMP Datasheet (HTML) - STMicroelectronics


ST-ONEMP Product details

Features
• ZVS non-complementary active clamp flyback controller with synchronous
rectification and USB-PD 3.1 PPS interface
• ARM® 32-bit Cortex®-M0+ MCU with 64 kB flash memory for digital power
control and USB protocol
– FW programmable secondary side MCU controls both synchronous
rectifier and ZVS active clamp flyback on the primary side to improve
system efficiency in every condition
– High switching frequency operations in companion with MasterGaN
power stage allow to use small size magnetic components, including
planar transformers
• Reinforced galvanically isolated dual communication channel compliant with
IEC 62368-1:
– 4 kV pk transient voltage
– 9.6 kV pk 1min hipot type testing
– 6.4 kV pk 1s hipot production testing
• 800 V high voltage startup with integrated input voltage sensing and Brownin/
out functions
• Active input filter capacitor discharge circuitry for reduced standby power
compliant with IEC 62368-1
• Fully Integrated USB-PD PHY with 24 V tolerant protection, and integrated
load switch driver

Application
• USB-PD chargers and adapters up to 100 W for smartphones, tablets, laptops
and other handheld equipment

Description
The ST-ONEMP is the world’s first digital controller embedding ARM Cortex M0+
core, an offline programmable controller with synchronous rectification, and USB PD
PHY in a single package. Such a system is specifically designed to control ZVS
non-complementary active clamp flyback converters to create high power density
chargers and adapters with a first USB-PD interface and a second output.
The device includes an active clamp flyback controller and its HV startup on
the primary side, a microcontroller and all the peripherals required to control the
conversion and the USB-PD communication on the secondary side. The two sides
are connected through an embedded galvanically isolated dual communication
channel. By using a novel non-complementary control technique and specifically
designed power modes the device allows to reach both high efficiency and low no
load power consumption
The device is delivered with a pre-loaded firmware which handles both the power
conversion and the communication protocols for USB-PD including optional PPS and
electronically marked cable management.
The output power and available PDOs on the USB-PD port can be changed
according to a power sharing pin input to allow power sharing with a second output.
A dedicated memory stores a default device configuration during factory process.
The user can change or adapt this memory area to fit the final product specifications.




Similar Part No. - ST-ONEMP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-ONE STMICROELECTRONICS-ST-ONE Datasheet
292Kb / 12P
Fully integrated controller for smart chargers
25-May-2022
ST-ONETR STMICROELECTRONICS-ST-ONETR Datasheet
292Kb / 12P
Fully integrated controller for smart chargers
25-May-2022
More results


Similar Description - ST-ONEMP

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C981 AMD-AM79C981 Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
AM79C982 AMD-AM79C982 Datasheet
254Kb / 26P
basic Integrated Multiport Repeater (bIMR)
AM79C983A AMD-AM79C983A Datasheet
348Kb / 60P
Integrated Multiport Repeater 2 (IMR2??
AM79C984A AMD-AM79C984A Datasheet
222Kb / 44P
enhanced Integrated Multiport Repeater (eIMR??
AM79C985 AMD-AM79C985 Datasheet
260Kb / 48P
enhanced Integrated Multiport Repeater Plus (eIMR??
logo
alpha microelectronics ...
AMG-XB404 ALPHA-MICRO-AMG-XB404 Datasheet
1Mb / 73P
Fully Integrated Single Motor Controller for Electrical Motors
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
Fully integrated
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
logo
STMicroelectronics
ST-ONE STMICROELECTRONICS-ST-ONE Datasheet
292Kb / 12P
Fully integrated controller for smart chargers
25-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com