Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 2 Page - STMicroelectronics

  ST-ONEMP Datasheet HTML 1Page - STMicroelectronics ST-ONEMP Datasheet HTML 2Page - STMicroelectronics ST-ONEMP Datasheet HTML 3Page - STMicroelectronics ST-ONEMP Datasheet HTML 4Page - STMicroelectronics ST-ONEMP Datasheet HTML 5Page - STMicroelectronics ST-ONEMP Datasheet HTML 6Page - STMicroelectronics ST-ONEMP Datasheet HTML 7Page - STMicroelectronics ST-ONEMP Datasheet HTML 8Page - STMicroelectronics ST-ONEMP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
1
ST-ONEMP block diagram
Figure 2. ST-ONEMP block diagram
CORTEX M0+
64kB program
memory +
8kB boot
8kB SRAM
GPIO
SMEDs
OSC &
PLL
Oring FET
Driver & Ch.
pump
TYPE-C phy
SCHEDULER
LDO &
Ch pump
66kHz clk
Power & clock
manager (sys
ctrl)
Watchdog
VCCPART
WakeRef
Wakeup
GPIO0
SRVDS
VOPART
Int Temp
VCCPART
GPIO1
12 bit
ADC
I2C / UART
CC2
CC1
VDRV
PUMP
SV3V
V1V2
SVCC
SVCC
ISO TX
VOSNS
Bleeder ctrl
1V
VZCD
IZCD
GPIO1
GPIO0
VDRV
SR1V
SVCC
SPGND
VDRV
Clamp
IPK
HSPWM
DEMODULATOR
+
-
0.9V
OC2
OVP
SS_MODE
HON_SU
PGND
LON
HON
HSPWM
HON_SU
LSON
R
Q
S
BLANKING
LSON
CK_SU
SS_Timeout
IPK
SS
+
- 0.6V
2u
LEB
1.24
20u
PVCC
HV
AC_IN
IS_ON
SS_MODE
OC2
OVP
OTP
BURST
SS TImeout
PV3V
3.3V
LDO
Brown-out,
X-Cap discharge,
startup SM,
HV generator ON/OFF
OSC
Startup
Timer
DT
EN
IS_ON
SS_MODE
ISEN
PWM
-
+
POTP
0.6V
OTP
20u
Temp sns
ST-ONEMP
ST-ONEMP
block diagram
DS13989 - Rev 2
page 2/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com