Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 22Page - STMicroelectronics ST-ONEMP Datasheet HTML 23Page - STMicroelectronics ST-ONEMP Datasheet HTML 24Page - STMicroelectronics ST-ONEMP Datasheet HTML 25Page - STMicroelectronics ST-ONEMP Datasheet HTML 26Page - STMicroelectronics ST-ONEMP Datasheet HTML 27Page - STMicroelectronics ST-ONEMP Datasheet HTML 28Page - STMicroelectronics ST-ONEMP Datasheet HTML 29Page - STMicroelectronics ST-ONEMP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
8.9
IC Supply
8.9.1
Primary side LDO
A 3.3 V regulator generates the voltage for internal circuitry and digital I/Os. The regulator requires an 100 nF
capacitor connected from P3V3 to PPGND.
8.9.2
Secondary side Charge pump & LDO
An internal LDO provides the supply for the IC analog & digital circuits. The SV3V internal LDO can be used to
supply external circuits up to 2 mA.
A voltage doubler charge pump provides the driving voltage for the synchronous rectifier. The voltage which can
be obtained is approximately 2 * (SVCC – Vf), where Vf is the external diode forward voltage.
The charge pump is turned on when the regulation voltage is below a threshold set by the configuration
parameters.
A second LDO provides the 1.2 V supply for the IC logic.
8.9.2.1
LDO decoupling
The 3V3 LDOs require a 1 uF ceramic capacitor to ground to decouple the supply voltage and guarantee stability.
The V1V2 LDO requires a 4.7 uF ceramic capacitor to ground.
The capacitors should be located as near as possible to the device.
8.10
Power Good
The GPIO1 is configured as a power good pin. The purpose of this pin is to disable a DC/DC converter controlling
the second port during the system startup until the AC/DC converter has terminated its soft-start and reached a
stable operation.
8.11
Secondary side controller
The secondary side includes a digital controller which is in charge of both the power conversion and the
communication with the load through USB-PD.
Figure 10. Secondary side block diagram
CORTEX M0+
64kB program
memory + 8kB
boot
8kB SRAM
GPIO
SMED 0 & 1
SMED 2
Connection
box
OSCILLATOR
PLL
Oring FET
Driver & Charge
pump (sys ctrl)
TYPE-C phy
SCHEDULER
Temperature
sense
LDO & Charge
pump
66kHz clk
Power & clock
manager (sys
ctrl)
Duty cycle
estimator
Watchdog
VCCPART
WakeRef
Wakeup
VCLAMP
VCLAMP
CS_AMP
GPIO0
SRVDS
VOPART
Int Temp
VCCPART
GPIO1
12 bit
ADC
SMED Event bus
SWD
I2C
UART
SRGD
CSM
CSP
CC2
CC1
VDRV
PUMP
SV3V
V1V2
SVCC
ISO TX
VOSNS
Bleeder ctrl (sys
ctrl)
VOPART
VCCPART
1V
VZCD
IZCD
GPIO1
GPIO0
VDRV
Clamp
SR1V
SVCC
SPGND
ST-ONEMP
IC Supply
DS13989 - Rev 2
page 26/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com