Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics ST-ONEMP Datasheet HTML 14Page - STMicroelectronics ST-ONEMP Datasheet HTML 15Page - STMicroelectronics ST-ONEMP Datasheet HTML 16Page - STMicroelectronics ST-ONEMP Datasheet HTML 17Page - STMicroelectronics ST-ONEMP Datasheet HTML 18Page - STMicroelectronics ST-ONEMP Datasheet HTML 19Page - STMicroelectronics ST-ONEMP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
The second port controller and DC/DC converter are connected on the SVCC, before the load switch and before
the current sense resistor. Using this configuration, both the load switch and the current sense act only on the
main TypeC output. The GPIO0 pin is driven by a logic signal providing information about the connection of
the second port: depending on its logic level, the ST-ONEMP chooses two different sets of PDOs and APDOs
providing either full or reduced power on the main TypeC port to implement a power sharing scheme. The GPIO1
is used to keep the DC/DC converter off during startup until the output voltage is stable.
8.2
External component selection
8.2.1
Symbols used in this section
Ipk peak magnetizing current
Lp primary side inductance
Lk primary side leakage inductance
Vi converter input voltage
Vo converter output voltage
n transformer turns ratio
Tsw switching period
fsw switching frequency
Po converter output power
D duty cycle
Cph phase (switching) node total capacitance (typically, switch Coss + transformer input capacitance)
Cclamp clamp capacitor value
VpriPk peak primary side voltage
fsamp control loop sampling frequency
Cout output capacitor value
Vdrop voltage drop during step load transient
Istep load transient current step
8.2.2
Transformer design
8.2.2.1
Turns ratio
The ideal operating condition for a flyback is with duty cycle around 50%. The turns ratio is anyway limited by the
voltage capability of the primary side switches.
As a first approximation, the turns ratio can be selected considering the maximum input and output voltage and
selecting the highest value for which the voltage stress on the primary side switches is acceptable.
The voltage stress can be calculated asVpriPk=Vi+nVo+Ipk LkCclamp
(1)
The last term in the equation can be ignored for a first approximation, then considered after component selection.
Typical turns ratio value for a wide input range, 20V output USB-PD application is around 6.
8.2.2.2
Primary side inductance – switching frequency
The ST-ONEMP Non complementary active clamp operates in a similar way as a quasi-resonant flyback, so
as a first approximation the relation between the switching frequency and the primary side inductance can be
calculated as
Lp= VinVo
Vi−nVo 2 12fswPo
(2)
For a more accurate calculation the clamping time and the deadtimes must be considered, especially for high
frequency converters. The following equation can be used to calculate the switching frequency when the system
operates in ZVS:
ST-ONEMP
External component selection
DS13989 - Rev 2
page 16/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com