Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 10Page - STMicroelectronics ST-ONEMP Datasheet HTML 11Page - STMicroelectronics ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics ST-ONEMP Datasheet HTML 14Page - STMicroelectronics ST-ONEMP Datasheet HTML 15Page - STMicroelectronics ST-ONEMP Datasheet HTML 16Page - STMicroelectronics ST-ONEMP Datasheet HTML 17Page - STMicroelectronics ST-ONEMP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCONN
RVCONN
Vconn switch
resistance to SVCC
SVCC = 5 V
20
Ω
CC cable connection wakeup
VTHCCWUP
CC wake-up
threshold
2.5
2.6
2.7
V
CC Communication Wakeup
CC communication
threshold
Rising
0.85
V
CC communication
threshold
Falling
0.25
V
CC OVP
VCCOVP
CC OVP threshold
5.5
6
V
CC pullup
ICCPUVMAX
CC Pull-up current at
VCCPUMAX
VCC = VCCPUMAX = 2.75 V
30
μA
ICCPU
CC Pull-up current
ICCSET(7) = 01 VCC1 = VCC2= 2.7V
64
80
96
μA
ICCSET(7) = 10 VCC1 = VCC2= 2.7V
166
180
195
μA
ICCSET(7) = 11 VCC1 = VCC2= 2.7V
303
330
360
μA
1. Iload is the current drawn by external circuits connected to SV3V pin.
2. This internal peripheral register is managed by the firmware according to the parameter configuration. See Section 10
3. Current sense accuracy is not guaranteed if CSM pin voltage is beyond this range
4. Guaranteed by design.
5. This internal peripheral register is managed by the firmware depending on the output voltage setpoint. See Section 8.6.1
6. This internal peripheral register is managed by the firmware. See Section 8.5.4.1
7. This internal peripheral register is managed by the USB-PD protocol FW according to the standard
ST-ONEMP
Electrical data
DS13989 - Rev 2
page 14/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com