Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 6Page - STMicroelectronics ST-ONEMP Datasheet HTML 7Page - STMicroelectronics ST-ONEMP Datasheet HTML 8Page - STMicroelectronics ST-ONEMP Datasheet HTML 9Page - STMicroelectronics ST-ONEMP Datasheet HTML 10Page - STMicroelectronics ST-ONEMP Datasheet HTML 11Page - STMicroelectronics ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics ST-ONEMP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VHVpk_BI
Brown-in/out
hysteresis
Peak voltage
15
V
TBODG
Brown-out deglitch
time
48
60
72
ms
TDB_BI
Brown-in deglitch
time
500
μs
Overtemperature protection
VPOVTH
Overtemperature
threshold
Pin falling (temperature rising)
0.57
0.6
0.63
V
Pin rising (temperature falling)
1.12
1.24
1.36
IPOTP
POTP pull-up
current
VPOTP = 0.6 V
18
20
22
μA
Soft-start
ISS
Soft start current
VSS = 0.25 V
1.7
2
2.3
μA
TDT_SS
Deadtime duration
during soft-start
RDT = 100 kΩ
240
300
360
ns
RDT = 12.1 kΩ
32
40
48
ns
TOFFSS
Off-time duration
during soft-start
ROSC = 470 kΩ
8
10
12
μs
ROSC = 47 kΩ
0.8
1
1.2
μs
VSSEND
Soft-start timeout
voltage
0.55
0.6
0.65
V
Overvoltage protection
VOVTH
Overvoltage
threshold (for flyback
aux winding)
1.12
1.24
1.36
V
IOVTH
Overvoltage
threshold (for
forward aux winding)
17
20
23
μA
VOVCLAMP
Clamping voltage on
OVP pin
OVP sourcing 20 uA
-0.1
0
0.1
V
OVP sinking 20 uA
3.1
3.3
3.5
V
TOVFILT
OVP time filtering
2
4
6
μs
Overcurrent protection
VOCTH
Overcurrent
threshold
0.8
0.9
1.0
V
Burst mode
TIsoPWMTO
IsoPWM absence
time to trigger sleep
mode entry
From PWM falling edge
60
μs
Current mode unit
GTV
Time to voltage
conversion gain
IsoPWM Ton = 380 ns
0.59
0.66
0.73
V/μs
VIPKCLAMP Maximum threshold
0.5
0.525
0.55
V
TLEB
Blanking time (from
LON rising edge)
RLEB = 100 kOhm
240
300
360
ns
RLEB = 12.1 kΩ
33
41
49
ns
TCSDEL
Total time between
CS crossing and
LON turn-off
Including driver delay. dV/dt = 2 V/us.
Time to 50%
25
ns
VPCSOFF
CS comparator
offset
-22
0
22
mV
ST-ONEMP
Electrical data
DS13989 - Rev 2
page 10/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com