Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 25Page - STMicroelectronics ST-ONEMP Datasheet HTML 26Page - STMicroelectronics ST-ONEMP Datasheet HTML 27Page - STMicroelectronics ST-ONEMP Datasheet HTML 28Page - STMicroelectronics ST-ONEMP Datasheet HTML 29Page - STMicroelectronics ST-ONEMP Datasheet HTML 30Page - STMicroelectronics ST-ONEMP Datasheet HTML 31Page - STMicroelectronics ST-ONEMP Datasheet HTML 32Page - STMicroelectronics ST-ONEMP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
9.1.2
USB-PD PDO and APDO adaptation and protection
During the attach procedure, the Source and Sink verify the voltage and current, offered and requested. As
defined by the USB-PD protocol, upon cable connection the device checks the cable capabilities; in case the
cable used is not 5 A capable, the maximum current in all the PDOs and APDOs sent upon capability request is
limited to 3 A.
In case of secondary side temperature protection, the capabilities are modified depending on the temperature
level.
9.1.3
USB-PD alert management
The device implements protections such as UVP, OVP, OCP. Some, for this mode, are reported during the USB-
PD message exchange between source and sink. In some cases of this alarm type, the VBUS is automatically
disconnected and no message is sent.
The temperature is also verified and controlled. The corresponding bit into alert messages is managed.
9.1.4
Overcurrent management
The IC manages the OCP and turns off the load switch according to the USB-PD standard.
The OCP level and behavior depends on the PDO or APDO selected by sink.
•
if a PDO is selected, the OCP is set up adding a programmable percentage of the maximum current
defined on the PDO. If an OCP is detected, the load switch is turned off and Vbus is disconnected.
•
if an APDO is selected, the current is limited in CC mode. If the output voltage drops below a
programmable threshold, the power module issues a warning, and if a second threshold is bypassed,
disconnects the Vbus.
9.1.5
Undervoltage management
The IC manages the undervoltage protection depending on the PDO or APDO selected by the sink:
•
if a PDO is selected, the UVP threshold is determined as a programmable percentage of the nominal
output voltage
•
if an APDO is selected, the undervoltage is triggered by a drop below a programmable threshold while
operating in constant current mode, as described in Section 9.1.4
9.1.6
Temperature management
The ST-ONEMP device supports two temperature measurement points on the secondary side, one internal to the
device and one external using an optional NTC.
•
The internal temperature is relative to the device and, normally, the default limit is considered good for most
applications. The internal temperature sense can read between 0 ºC and +150 ºC, with an accuracy of
TACC (see Section 7 Electrical data).
•
The external temperature limit is defined by the user by connecting an external resistor divider using
an NTC. The user can program the voltage thresholds for the overtemperature fault (OTP) and warning
(WTP).
In case of temperature management, the device implements the secondary side Overtemperature Protection
(SOTP) and Warning Temperature Protection (WTP). All the temperature trip points are programmable.
Figure 11. Temperature management
Temperature
low
high
WTP
OTP
In case of overtemperature, the HARD_RESET message is sent out and the next capability proposed is only 5 V
and 500 mA. In case the OTP is confirmed for 10 seconds, the Vbus voltage is switched off. The Vbus voltage
is provided only when the secondary temperature returns below OTP-10 ºC for the internal temperature or below
OTP-Hysteresis in case of external temperature. In case the OTP is triggered, the charger functionality is restored
if either:
•
the AC line is removed, and the temperature returns into an acceptable range.
ST-ONEMP
USB-PD protocol
DS13989 - Rev 2
page 29/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com