Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 9Page - STMicroelectronics ST-ONEMP Datasheet HTML 10Page - STMicroelectronics ST-ONEMP Datasheet HTML 11Page - STMicroelectronics ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics ST-ONEMP Datasheet HTML 14Page - STMicroelectronics ST-ONEMP Datasheet HTML 15Page - STMicroelectronics ST-ONEMP Datasheet HTML 16Page - STMicroelectronics ST-ONEMP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VWUP
Wake-up threshold
DAC(2) = 1001, FSR(5) = 24 V
14.85
V
DAC(2) = 1010, FSR(5) = 24 V
15
V
DAC(2) = 1010, FSR(5) = 24 V
15.15
V
DAC(2) = 0000, FSR(5) = 24 V
19.6
V
DAC(2) = 0001, FSR(5) = 24 V
19.8
V
DAC(2) = 0010, FSR(5) = 24 V
20
V
DAC(2) = 0011, FSR(5) = 24 V
20.2
V
VWUPACC
Wake-up threshold
accuracy
-0.9%
0.9%
VWUPHYSY Hysteresis
HYST(2) = 00, FSR(5) = 6 V
13.5
mV
HYST(2) = 01, FSR(5) = 6 V
18
mV
HYST(2)= 10, FSR(5) = 6 V
24
mV
HYST(2) = 11, FSR(5) = 6 V
34.5
mV
SR comparators
VTHSR1V
SR1V comparator
threshold
0.7
1
1.3
V
TDSR1V
SR1V comparator
delay
DVS falling @ 0.2 V/ns
20
30
ns
VTHIZCD
IZCD threshold
-5
0
2
mV
TDIZCD
IZCD comparator
delay
DVS rising @ 0.1 V/μs
50
80
ns
VDYNZCD
VZCD dynamic
comparator
threshold
Negative step starting from SVCC – 1
V
1
V
Bleeding resistor
IBLEED
SVCC / VOSNS
Bleeding current
ISET(6) = 0, V > 0.8 V
7
10
mA
ISET(6) = 1, V > 0.8 V
14
20
mA
RCCBLD
CC Bleeder
resistance
V > 0.8 V
2500
4000
Ω
Clock
FCK
Master clock
frequency
Tj = 0 – 125 °C
126.7
132
136.3
MHz
Tj = -40 – 125 °C
126.7
132
137.3
MHz
FCKLF
Low frequency clock
60
66
72
kHz
Internal temperature sense
TACC
Temperature reading
accuracy
ADC reading(4)
-10
10
K
GPIO electrical data
VOHGPIO
GPIO0/1 high
voltage
Pin sourcing 8 mA, digital mode
2.4
V
VOLGPIO
GPIO0/1 low voltage
Pin sinking 8 mA, digital mode
0.4
V
VIHGPIO
GPIO0/1 input high
voltage
Digital mode
2
V
VILGPIO
GPIO0/1 input low
voltage
Digital mode
0.8
V
ST-ONEMP
Electrical data
DS13989 - Rev 2
page 13/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com