Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 11Page - STMicroelectronics ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics ST-ONEMP Datasheet HTML 14Page - STMicroelectronics ST-ONEMP Datasheet HTML 15Page - STMicroelectronics ST-ONEMP Datasheet HTML 16Page - STMicroelectronics ST-ONEMP Datasheet HTML 17Page - STMicroelectronics ST-ONEMP Datasheet HTML 18Page - STMicroelectronics ST-ONEMP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
8
Device operation
8.1
Typical application schematic
The following image is a simplified schematic for the typical application.
Figure 4. Typical configuration
CC1/2
GPIO0 (PSHARE)
PGND
LEB
P3V3
CCLAMP
CBULK
RSNS_PRI
COUT
COUT
RSNS_IOUT
HS
OR
SR
LS
AC
AC
VOUT
VOUT
VDRV
VDRV
RZCD_PU
RZCD
n:1
Second Port
Controller &
DC/DC
GPIO1 (PGOOD)
The ST-ONEMP is a very intergrated IC, which needs a few external components to build a complete system. On
the primary side:
•
An AC full wave power rectifier connected to a bulk capacitor.
•
Two rectifier diodes to provide HV voltage to ST-ONEMP IC both for high voltage startup and AC brownout
and disconnection detection.
•
An integrated half bridge power stage (e.g ST MasterGaN) or Gate driver + FETs connected to the
transformer primary winding.
•
A clamp capacitor to store the residual energy in the transformer leakage inductance.
•
An auxiliary winding power supply for the IC PVCC, also used to perform overvoltage function during the
soft-start.
On the secondary side:
•
A synchronous rectifier FET is connected to the SRGD pin.
•
A cascode FET connected to the SRVDS pin to provide synchronous rectifier drain voltage sense while
limiting the voltage on the pin below its AMR.
•
An N-channel MOSFET connected to ORGD pin used as load switch to disconnect the output voltage as
required by USB-PD power supplies.
•
A sense resistor is connected to CSM/CSP pins to read the output current.
•
A capacitor and two diodes connected to the PUMP pin to implement a charge pump providing the driving
voltage to the synchronous rectifier.
ST-ONEMP
Device operation
DS13989 - Rev 2
page 15/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com