Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 5Page - STMicroelectronics ST-ONEMP Datasheet HTML 6Page - STMicroelectronics ST-ONEMP Datasheet HTML 7Page - STMicroelectronics ST-ONEMP Datasheet HTML 8Page - STMicroelectronics ST-ONEMP Datasheet HTML 9Page - STMicroelectronics ST-ONEMP Datasheet HTML 10Page - STMicroelectronics ST-ONEMP Datasheet HTML 11Page - STMicroelectronics ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
7
Electrical data
TJ = -40 to 125 °C, VPVCC = 12 V, VSVCC = 5 V , unless otherwise specified.
Table 9. Electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Primary side
Supply voltage
VPVCCOn
Turn-on threshold
13
14
15
V
VPVCCOff
UVLO / Restart
threshold
6
6.5
7
V
VP3V3
Primary side 3V3
regulator voltage
Iload < 4 mA
3.1
3.3
3.5
V
Supply current
Ipq
Quiescent current
Before turn-on
0.55
mA
Icc
Operating supply
current
Fsw=300 kHz,
RDT=RLEB=12 kohm,
CEN=CLON=CHON=10 pF
2.8
mA
Iburst
Current during burst
mode
1.1
mA
Iqdis
Shutdown quiescent
current
Device latched
0.57
mA
High voltage start-up generator
VHV
HV breakdown
voltage
IHV < 100 µA
800
V
VHVStart
HV pin start-up
voltage
30
V
VPVCC_SO
Switchover threshold
1
V
IHVON
ON-state current
VHV > VHVStart
VPVCC > VPVCC_SO
7
mA
VHV > VHVStart
VPVCC < VPVCC_SO
1
mA
IHVOFF
Leakage current
(Off-state)
VHV = 400 V
20
μA
X-cap discharge
TXCDDET
Detection time
64
ms
VHVmin
Peak residual
voltage
IHV,DIS > 4.2 mA
45
V
IHVDIS
Discharge current
VHV > 45 V
5
mA
VPVCCClamp
PVCC clamp voltage
during X-Cap
7
V
AC brown-in/out
VHVpk_BO
Brown-out threshold
Peak voltage
94
100
106
V
VHVpk_BI
Brown-in threshold
Peak voltage
108
115
122
V
ST-ONEMP
Electrical data
DS13989 - Rev 2
page 9/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com