Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONEMP Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 7Page - STMicroelectronics ST-ONEMP Datasheet HTML 8Page - STMicroelectronics ST-ONEMP Datasheet HTML 9Page - STMicroelectronics ST-ONEMP Datasheet HTML 10Page - STMicroelectronics ST-ONEMP Datasheet HTML 11Page - STMicroelectronics ST-ONEMP Datasheet HTML 12Page - STMicroelectronics ST-ONEMP Datasheet HTML 13Page - STMicroelectronics ST-ONEMP Datasheet HTML 14Page - STMicroelectronics ST-ONEMP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TDT
LS to HS deadtime
duration during
normal mode
RDT = 100 kΩ
120
150
190
ns
RDT = 12.1 kΩ
15
22
30
ns
RLEB OPEN protection (ROP)
RLEB_OPEN
Maximum RLEB
resistance to trigger
the protection
0.8
1.0
1.25
MΩ
IO electrical data
VOH
LON/HON high
voltage
Pin sourcing 4 mA
4
V
VOL
LON/HON low
voltage
Pin sinking 4 mA
0.4
V
Secondary side
Supply voltage
VSVCCOP
Secondary side
operative range
3.05
22.5
V
VSVCCON
Secondary side turn-
on threshold
3.3
3.5
3.7
V
VSUVLO
Secondary side
UVLO threshold
3
3.05
V
VSV3V
Secondary side 3 V
regulator voltage
Iload (1)< ISV3V (2 mA)
VSVCC > 3.3
3.1
3.2
3.3
V
ISV3V
Maximum current
capability from SV3V
for external circuitry
2
mA
VCPON
Charge pump
turn-on threshold
(hysteretic mode)
In burst mode
8
V
VCPOFF
Charge pump
turn-off threshold
(hysteretic mode)
In burst mode
8.4
V
Supply current
ISVCC
Operating supply
current
18
mA
Isleep
Deep sleep mode
supply current
SVCC=5 V
1.4
mA
SR gate driver
VSRON
SR driving voltage
SRDRVCONF(2) = 11
5
V
SRDRVCONF(2) = 10
7
V
SRDRVCONF(2) = 01
9
V
SRDRVCONF(2) = 00
11
V
TSRPROP
Driver propagation
delay
Turn-on, time to 10%
20
ns
Turn-off, time to 90%
15
20
ns
TSRRISE
Driver rise time
10% to 90%, 1 nF load
40
65
ns
TSRFALL
Driver fall time
90% to 10%, 1 nF load
20
40
ns
IDRVSRC
Driver source current
0.45
A
IDRVSNK
Driver sink current
0.6
A
ST-ONEMP
Electrical data
DS13989 - Rev 2
page 11/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com