Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONE Datasheet (PDF) - STMicroelectronics

ST-ONE Datasheet PDF - STMicroelectronics
Part # ST-ONE
Download  ST-ONE Download
File Size   292.71 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully integrated controller for smart chargers

ST-ONE Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-ONE Datasheet PDF - STMicroelectronics

Part # ST-ONE
Download  ST-ONE Click to download

File Size   292.71 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully integrated controller for smart chargers

ST-ONE Datasheet (HTML) - STMicroelectronics


ST-ONE Product details

Features
• ZVS non-complementary active clamp flyback controller with synchronous
rectification and USB-PD 3.1 PPS interface
• ARM® 32-bit Cortex®-M0+ MCU with 64 kB flash memory for digital power
control and USB protocol
– FW programmable secondary side MCU controls both synchronous rectifier
and ZVS Active Clamp flyback on the primary side to improve system
efficiency in every condition
– High switching frequency operations in companion with MasterGaN power
stage allow to use small size magnetic components, including planar
transformers
• Reinforced galvanically isolated dual communication channel compliant with IEC
62368:
– 4 kV pk transient voltage
– 9.6 kV pk 1min hipot type testing
– 6.4 kV pk 1s hipot production testing
• 800 V high voltage startup with integrated input voltage sensing and Brownin/
out functions
• Active input filter capacitor discharge circuitry for reduced standby power
compliant with IEC 62368-1
• Fully Integrated USB-PD PHY with 24 V tolerant protection, and integrated load
switch driver

Application
• USB-PD chargers and adapters up to 100 W for smartphones, tablets, laptops
and other handheld equipment

Description
The ST-ONE is the world’s first digital controller embedding ARM Cortex M0+ core,
an offline programmable controller with synchronous rectification, and USB PD
PHY in a single package. Such a system is specifically designed to control ZVS
non-complementary active clamp flyback converters to create high power density
chargers and adapters with USB-PD interface.
The device includes an active clamp flyback controller and its HV startup on
the primary side, a microcontroller and all the peripherals required to control the
conversion and the USB-PD communication on the secondary side. The two sides
are connected through an embedded galvanically isolated dual communication
channel. By using a novel non-complementary control technique and specifically
designed power modes the device allows to reach both high efficiency and low no
load power consumption
The device is delivered with a pre-loaded firmware which handles both the power
conversion and the communication protocols for USB-PD including optional PPS and
electronically marked cable management.
A dedicated memory stores a default device configuration during factory process.
The user can change or adapt this memory area to fit the final product specifications.




Similar Part No. - ST-ONE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-ONEMP STMICROELECTRONICS-ST-ONEMP Datasheet
1Mb / 39P
Fully integrated controller for multiport smart chargers
10-Feb-2023
ST-ONEMPTR STMICROELECTRONICS-ST-ONEMPTR Datasheet
1Mb / 39P
Fully integrated controller for multiport smart chargers
10-Feb-2023
More results


Similar Description - ST-ONE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
alpha microelectronics ...
AMG-XB404 ALPHA-MICRO-AMG-XB404 Datasheet
1Mb / 73P
Fully Integrated Single Motor Controller for Electrical Motors
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
Fully integrated
logo
Maxim Integrated Produc...
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
logo
NXP Semiconductors
MC34SB0410 NXP-MC34SB0410 Datasheet
1Mb / 54P
Fully integrated quad valve controller system on chip
Rev. 3.0, 8/2016
MC34SB0800 NXP-MC34SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
logo
STMicroelectronics
ST-ONEMP STMICROELECTRONICS-ST-ONEMP Datasheet
1Mb / 39P
Fully integrated controller for multiport smart chargers
10-Feb-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com