Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONE Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST-ONE
Description  Fully integrated controller for smart chargers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONE Datasheet(HTML) 3 Page - STMicroelectronics

  ST-ONE Datasheet HTML 1Page - STMicroelectronics ST-ONE Datasheet HTML 2Page - STMicroelectronics ST-ONE Datasheet HTML 3Page - STMicroelectronics ST-ONE Datasheet HTML 4Page - STMicroelectronics ST-ONE Datasheet HTML 5Page - STMicroelectronics ST-ONE Datasheet HTML 6Page - STMicroelectronics ST-ONE Datasheet HTML 7Page - STMicroelectronics ST-ONE Datasheet HTML 8Page - STMicroelectronics ST-ONE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Pin connections and description
Figure 3. Pin connection (top view)
HV
nc
nc
nc
DT
LEB
OVP
PVCC
PGND
P3V3
HON
LON
EN_OUT
SS
OSC
POTP
ISEN
PGND
GPIO0
GPIO1
SSGND
CSP
CSM
VDRV
V1V2
SV3V
SVCC
SRVDS
SSGND
VOSNS
CC1
CC2
SPGND
SRGD
PUMP
ORGD
Table 1. Pin functions
Pin
Name
Function
1
HV
High voltage start-up generator / ac voltage sensing input. The pin, able to withstand 800 V, must be
connected to the ac side of the input bridge via a pair of diodes to sense the ac input voltage.
When the voltage on the pin is higher than VHVStart, an internal pull-up circuit charges the capacitor
connected between the pin PVCC and PGND.
The pin is used also to sense the ac voltage, which is used by ac brown-out and X-cap discharge
functions.
2,3,4
Nc
High voltage spacer. The pin is not connected internally to increase spacing between the high-
voltage pin and the other pins.
5
POTP
Primary side overtemperature protection. Pulling this pin below VPOVTH shuts down the IC.
6
SS
Soft-start setting. Connect a capacitor to PGND to set the soft-start duration.
7
OVP
Ax winding sense for overvoltage protection
8
PVCC
Primary side supply voltage pin. The internal high voltage generator allows to charge an external
capacitor connected between this pin and PGND before the converter starts up. A small bypass
capacitor (0.1 µF typ.) to PGND must be placed close to the pins to get a clean bias voltage.
9
PGND
Primary side ground. Reference for I/Os.
10
P3V3
Primary side internal supply regulator bypass capacitor.
11
HON
High-side gate-drive control signal.
12
LON
Low-side gate-drive control signal.
13
EN_OUT
Enable signal for an external driver. Improves efficiency during bursts in case the driver supports
this functionality.
ST-ONE
Pin connections and description
DB4752 - Rev 1
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com