Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-ONE Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST-ONE
Description  Fully integrated controller for smart chargers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONE Datasheet(HTML) 4 Page - STMicroelectronics

  ST-ONE Datasheet HTML 1Page - STMicroelectronics ST-ONE Datasheet HTML 2Page - STMicroelectronics ST-ONE Datasheet HTML 3Page - STMicroelectronics ST-ONE Datasheet HTML 4Page - STMicroelectronics ST-ONE Datasheet HTML 5Page - STMicroelectronics ST-ONE Datasheet HTML 6Page - STMicroelectronics ST-ONE Datasheet HTML 7Page - STMicroelectronics ST-ONE Datasheet HTML 8Page - STMicroelectronics ST-ONE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin
Name
Function
14
OSC
Oscillator pin. A resistor from the pin to PGND defines the switching frequency during the initial
soft-start.
15
DT
Deadtime programming. A resistor from this pin to ground sets the deadtime during soft-start and
minimum deadtime during functional mode.
16
LEB
Leading edge blanking time programming. A resistor from this pin to ground sets the leading edge
blanking time for the ISEN comparator.
17
ISEN
Current sense (PWM comparator) input. The voltage on this pin is compared with an internal
reference to turn off LON.
18
PGND
Primary side signal ground. Reference for analog signals.
19
PUMP
Charge pump pin 1. Used to power the IC when SVCC drops below 5 V.
20
VDRV
Driver supply
21
SRVDS
Output winding voltage sense. Connect to sync fet drain through a clamping MOSFET.
22
SRGD
Synchronous rectifier gate driver
23
SPGND
Secondary side power ground. Current return for the sync fet gate-drive current.
24
ORGD
Load switch gate drive.
The pin controls the gate of a N type MOSFET on the positive output terminal to disconnect the
output.
25
SSGND
Secondary side signal ground
26
CC2
USB type C CC2 pin. Used for USB-PD compliant communication or alternate function as
DN / GPIO3 / I2C-SCL / UART-TX.
27
CC1
USB type C CC1 pin. Used for USB-PD compliant communication or alternate function as
DP / GPIO2 / I2C-SDA / UART-RX.
28
VOSNS
Output voltage sense. Used to sense the voltage at the power supply output port (after the load
switch). The pin is used also for the bleeding function.
29
SVCC
Secondary side VCC. The device senses and controls the converter output through this pin.
30
SV3V
3.3 V Regulated supply for the IC. Connect an xx nF capacitor from this pin to ground.
31
SSGND
Secondary side signal ground
32
V1V2
1.2 V regulated supply for the IC. Connect an xx nF capacitor from this pin to ground.
33
CSM
Output current sense pin. Connect to the negative side of sense resistor on the ground path.
34
CSP
Output current sense pin. Connect to the positive side of sense resistor on the ground path to sense
the current drawn by the load.
35
GPIO1
General purpose digital I/O, digital interface, analog input or alternate function as
SWD-CLK / UART-TX / I2C-SCL.
36
GPIO0
General purpose digital I/O, digital interface, analog input or alternate function as
SWDIO-TMS / UART-RX / I2C-SDA.
The pin is also used to enter in programming/boot mode at IC startup. Connect a 100kΩ pullup
to SV3V to avoid unwanted entry in boot mode at startup, unless this function is configured as
disabled.
ST-ONE
Pin connections and description
DB4752 - Rev 1
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com