Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 5 Page - STMicroelectronics

  STM32WB5MMG Datasheet HTML 1Page - STMicroelectronics STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 3. STEVAL-PROTEUS circuit schematic (3 of 5)
VOUT
[2.6V - 3.3V]
< 400 mA
3.3 V
150 mA
The pin has an
internal 50 kOhm
pull-down
resistor
V_USB or V_BAT
450 mA x2
V_USB
ST1PS02_VOUT
ST1PS02_VOUT2
mates with 665002113322
(housing) and
665165128130
(pre-crimped wire)
V_BAT
V_BAT
V_USB
STBC02_LDO
STBC02_SYS
V_BAT
ST1PS02_VOUT
V_MAIN
STBC02_SYS
V_MAIN
V_PRIMBATT
V_PRIMBATT
V_PRIMBATT
USB_D-
USB_D+
ST1PS02_PGOOD
ST1PS02_AUX
STBC02_NTC
STBC02_CHG
STBC02_CEN
STBC02_SW_SEL
STBC02_BATMS
STBC02_NTC
STBC02_CHG
STBC02_BATMS
STBC02_WAKE-UP
BATMS_ADC
ST1PS02_D0
ST1PS02_D2
ST1PS02_D1
ST1PS02_D0
ST1PS02_D1
ST1PS02_D2
PRIMBATMS_ADC
PRIMBATMS_CTRL
R13
20k
STBC02_WAKE-UP
R14
0R
R12
1K
R18
27k
U4
D
7
STG4160
5
VCC
2
GND
S1
1
VL
4
8
GND1
6
SEL
S2
3
J5
1
2
3
C10
Main Voltage Selector
1uF
J14
R16
1M
Jumper-Female
C8
10uF
U2
STBC02
IN1
E5
LDO
F4
SW1_I
F3
GND
A3
SYS1
C5
AGND
B4
E4
SW1_OA
E3
SW1_OB
ISET
A4
IPRE
D4
D2
WAKE-UP
BAT1
A5
A2
BATSNSFV
B3
BATSNS
NTC
D1
C4
BATMS
C2
nRESET
E2
SW2_I
F2
SW2_OA
F1
SW2_OB
C1
SW_SEL
B2
RST_PENDING
A1
RESET_NOW
CEN
B1
CHG
E1
IN2
F5
BAT2
B5
SYS2
D5
NC1
C3
NC2
D3
C13
10uF
C34
47uF
C33
1uF
R19
39k
J3
1
2
3
R10
100k
Li-Ion Battery Receptacle
R9
300R
1
4
2
3
C14
S2
Push-Bottom_WE434331013822
10uF
L2
1
10uH
2
R23
39k
R22
1M
R21
27k
C9
1uF
U3
ST1PS02
1
AUX
2
VIN
SW
3
4
GND
5
VOUT
6
VOUT2
7
PGOOD
CL
8
EN
12
D0
9
D1
10
D2
11
R11
100k
R15
1M
D6
R20
1M
ESDALC6V1-1U2
L1
1
2
2.2uH 1.5A
R17
1M
C12
10uF
L3
1
2
2.2uH 1.5A
C11
4.7uF
D5
LED YELLOW
J2
1
VCC
USB2.0 MICRO
D-
2
D+
3
ID
4
5
GND
M1
6
M2
7
M3
8
M4
9
J4
1
2
Primary Battery Receptacle
Sel |
S1 |
S2
----+-----+-----
H | O N | OFF
----+-----+-----
L | OFF | O N
D2 | D1 | D0 | Vout
---+----+----+------
0 | 0
| 0
| 2.6 V
---+----+----+------
0 | 0
| 1
| 2.7 V
---+----+----+------
0 | 1
| 0
| 2.8 V
---+----+----+------
0 | 1
| 1
| 2.9 V
---+----+----+------
1 | 0
| 0
| 3.0 V
---+----+----+------
1 | 0
| 1
| 3.1 V
---+----+----+------
1 | 1
| 0
| 3.2 V
---+----+----+------
1 | 1
| 1
| 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com