Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB5MMG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics STM32WB5MMG Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 5. STEVAL-PROTEUS circuit schematic (5 of 5)
I2C Address0011000b
V_SENS1
ST1PS02_VOUT2
V_SENS2
ST1PS02_VOUT
V_SENS1
V_SENS2
V_SENS2
V_SENS2
V_SENS2
I2C_SENS_SCL
I2C_SENS_SDA
IIS2DLPC_INT2
I2C_SENS_SDA
I2C_SENS_SCL
STSAFE_nRESET
SPI_SENS_MOSI
SPI_SENS_SCK
SPI_IIS3DWB_CS
IIS3DWB_INT2
SPI_SENS_MISO
IIS3DWB_INT1
SPI_SENS_SCK
SPI_SENS_MOSI
SPI_SENS_MISO
ISM330DHCX_INT1
SPI_ISM330DHCX_CS
ISM330DHCX_INT2
I2C_SENS_SCL
I2C_SENS_SMBA
I2C_SENS_SDA
SPI1_SCK
SPI_SENS_SCK
SPI1_MOSI
SPI_SENS_MOSI
SPI1_MISO
SPI_SENS_MISO
SPI_IIS3DWB_NSS
SPI_IIS3DWB_CS
SPI_ISM330DHCX_NSS
SPI_ISM330DHCX_CS
I2C1_SCL
I2C_SENS_SCL
I2C1_SDA
I2C_SENS_SDA
STTS22H_INT / I2C1_SMBA
I2C_SENS_SMBA
IIS2DLPC_INT1 / SYS_WKUP3
C22
100nF
U8
IIS2DLPCTR
SCL/SPC
1
CS
2
SDO/SA0
3
SDA/SDI/SDO
4
NC
5
GND1
6
RES
7
GND2
8
VDD
9
VDD_IO
10
INT2
11
INT1
12
C16
100nF
C15
100nF
C19
100nF
U5
NC1
10
SDO/SA0
1
INT1
4
RES2
3
RES1
2
INT2
9
VDD
8
NC2
11
C17
100nF
U9
STSAFA110DFSPL02
NC1
1
VCC
2
NC3
3
GND
4
SDA
5
NC2
6
SCL
7
RESET
8
C20
100nF
U7
SCL
1
VDD
3
ALERT/INT
2
Addr
4
GND
5
SDA
6
C18
100nF
C23
100nF
C21
100nF
U6
ISM330DHCXTR
OCS_Aux
10
SDO/SA0
1
INT1
4
SCx
3
SDx
2
INT2
9
VDD
8
SDO_Aux
11
I2C Address
0011000b
STTS22HTR
IIS3DWBTR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com