| Electronic Components Datasheet Search |
|
LPS28DFW Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPS28DFW Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() Features • Complete LPS28DFW pinout for a standard DIL24 socket • Fully compatible with the STEVAL-MKI109V3 motherboard • RoHS compliant Description The STEVAL-MKI225A is an adapter board designed to facilitate the evaluation of MEMS devices in the LPS28DFW product family. The board offers an effective solution for fast system prototyping and device evaluation directly within the user’s own application. The STEVAL-MKI225A can be plugged into a standard DIL24 socket. The adapter provides the complete LPS28DFW pinout and comes ready-to-use with the required decoupling capacitors on the VDD power supply line. This adapter is supported by the STEVAL-MKI109V3 motherboard, which includes a high-performance 32-bit microcontroller functioning as a bridge between the sensor and a PC, on which it is possible to use the downloadable graphical user interface (Unico-GUI), or dedicated software routines for customized applications. Product summary LPS28DFW adapter board for a standard DIL24 socket STEVAL- MKI225A Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with water- resistant package LPS28DFWTR MEMS adapter motherboard based on the STM32F401VE STEVAL- MKI109V3 Motion MEMS and microphone MEMS expansion board for STM32 Nucleo X-NUCLEO- IKS02A1 Applications Water Metering LPS28DFW adapter board for a standard DIL24 socket STEVAL-MKI225A Data brief DB4686 - Rev 1 - March 2022 For further information contact your local STMicroelectronics sales office. www.st.com |
Similar Part No. - LPS28DFW |
|
Similar Description - LPS28DFW |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |