Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS28DFW Datasheet(PDF) 2 Page - STMicroelectronics

Part # LPS28DFW
Description  LPS28DFW adapter board for a standard DIL24 socket
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS28DFW Datasheet(HTML) 2 Page - STMicroelectronics

  LPS28DFW Datasheet HTML 1Page - STMicroelectronics LPS28DFW Datasheet HTML 2Page - STMicroelectronics LPS28DFW Datasheet HTML 3Page - STMicroelectronics LPS28DFW Datasheet HTML 4Page - STMicroelectronics LPS28DFW Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. STEVAL-MKI225A circuit schematic
GND
VDD
GND
SCL
SDA
GND
10
1
2
3
4
5
6
7
8
9
11
12
JP1
24
23
22
21
20
19
18
17
16
15
14
13
JP2
SDA
VDD
INT
SDO/SA0
INT
100nF
C1
1
SDA
INT
4
U1
LPS28DFWTR
GND
STEVAL-MKI225A
Schematic diagrams
DB4686 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com