Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP Datasheet(PDF) 1 Page - Samtec, Inc

Part # CLP
Description  (1.27 mm) .050" PITCH • CLP SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CLP Datasheet(HTML) 1 Page - Samtec, Inc

  CLP Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLP
- 1 NO.PINS
PER ROW
- 02 - PLATING
OPTION
- ROW
OPTION
-
OTHER
OPTIONS
02 thru 50
–F
= Gold flash
on contact,
Matte Tin
on tail
–L
= 10 µ"
(0.25 µm)
Gold on
contact,
Matte Tin
on tail
–G
= 10 µ"
(0.25 µm)
Gold
(–D only)
–D
= Double
Row
–DH
= Double
Horizontal
(Requires
FTSH–04
lead style)
–BE
= Bottom Entry
(Required for bottom
entry applications)
–A
= Alignment Pin
(Not available with –PA option)
(05, 06, 07, 08, 10, 12, 15,
20, 25, 30, 40 positions only)
(–DH option and other sizes.
Contact Samtec.)
–K
= (4.00 mm) .157" DIA
Polyimide film Pick & Place Pad
(3 positions minimum)
–P
= Pick & Place Pad
(5 positions min. –D only)
(Not always necessary
for auto placement.
See Flex Processing.)
–PA
= Pick & Place Pad
with Alignment Pin
(–D only)
(Not available with –A option)
–TR
= Tape & Reel
–FR
= Full Reel Tape & Reel
(must order maximum
quantity per reel;
contact Samtec for
quantity breaks)
SPECIFICATIONS
CLP
Mates:
FTSH, FTS, FW
Insulator Material:
Black Liquid Crystal Polymer
Contact Material:
Phosphor Bronze
Plating:
Sn or Au over
50 µ" (1.27 µm) Ni
Current Rating (CLP/FTSH):
3.4 A per pin
(2 pins powered)
Voltage Rating:
280 VAC/395 VDC
Operating Temp Range:
-55 °C to +125 °C
Insertion Depth:
Top Entry =
(1.40 mm) .055" minimum
Bottom Entry =
(2.41 mm) .095" minimum
plus board thickness
DH Entry =
(2.31 mm) .091"to (2.67 mm) .105"
Normal Force:
60 grams (0.59 N) average
Max Cycles:
100 with 10 µ" (0.25 µm) Au
PROCESSING
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0.10 mm) .004" max (02-35)
(0.15 mm) .006" max (36-50)*
*(.004" stencil solution
may be available; contact
ipg@samtec.com)
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
EXTENDED LIFE
PRODUCT
10 YEAR MFG
WITH 30 µ" GOLD
HIGH MATING
CYCLES
If odd pins/row, alignment pins are on
middle position on centerline of the part.
If even pins/row, then alignment pins are
between middle two positions.
—P OPTION
—PA OPTION
Single row
Other platings
ALSO AVAILABLE
MOQ Required
PIN/ROW
A
04-15
(3.56) .140
16-50
(7.11) .280
LOW-PROFILE
DUAL WIPE SOCKET
(1.27 mm) .050" PITCH • CLP SERIES
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
Gbps
8
No. of Positions x (1.27) .050 + (0.43) .017
(3.43)
.135
A
(4.57)
.180
(4.32)
.170
(2.29)
.090
—DH
—D
samtec.com?CLP
F-221 (Rev 28JUN21)


Similar Part No. - CLP

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
logo
Visual Communications C...
CLP-125 VCC-CLP-125 Datasheet
135Kb / 1P
Polycarbonate
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
CLP-127 VCC-CLP-127 Datasheet
97Kb / 1P
CLIPLITE CLP 127 MOUNT
CLP-129 VCC-CLP-129 Datasheet
162Kb / 1P
Polycarbonate
More results

Similar Description - CLP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HPH1-A ADAM-TECH-HPH1-A Datasheet
211Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2-A ADAM-TECH-HPH2-A Datasheet
173Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HPH2B100SGA ADAM-TECH-HPH2B100SGA Datasheet
164Kb / 1P
.050 PIN HEADERS .050 [1.27] CENTERLINE
HRS1A50GA ADAM-TECH-HRS1A50GA Datasheet
143Kb / 1P
.050 RECEPTACLE STRIPS .050 [1.27] CENTERLINE
HSH50G ADAM-TECH-HSH50G Datasheet
134Kb / 1P
.050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
logo
Samtec, Inc
SFML-105-03-S-D-LC SAMTEC-SFML-105-03-S-D-LC Datasheet
604Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (1.27 mm) .050" PITCH
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
SHF SAMTEC-SHF Datasheet
179Kb / 1P
SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
TFC-106-01-F-D-RA SAMTEC-TFC-106-01-F-D-RA Datasheet
324Kb / 1P
(1.27 mm) .050" PITCH • COST-EFFECTIVE HEADER/SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com