Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBCM303M0USBAMWHR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USBCM303M0USBAMWHR
Description  USB A MALE to USB C MALE 3.0 56K Res, GT Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USBCM303M0USBAMWHR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USBCM303M0USBAMWHR Datasheet HTML 1Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 2Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 3Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 4Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 5Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GlobTek, Inc.
www.globtek.com
186 Veterans Drive,
Northvale, NJ 07647
Tel. (201) 784-1000
Fax (201) 784-0111
Drawing Title:  USB A MALE to USB C MALE 3.0 56K Res, GT Cable #UL 2725 WHT (32AWG*1P+D+AL/MY)*2P+32AWG*1P+24AWG*2C+AB OD:4.3: SEE CODE / 8 Conductors, 4.3mm OD, UL 2725, 80 Deg.C,
30V, RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE, Approvals: , 3000mm, GlobTek White
Model No.  Low voltage cable
Part No./Ordering No.  
 
USBCM303M0USBAMWHR
Rev A2
CUSTOMIZED LENGTHS, COLORS, CABLE TYPES, TERMINATIONS/PLUGS/RECEPTACLES AVAILABLE UPON REQUEST. ADDITIONAL PLUG OPTIONS ARE AVAILABLE AT
STANDARD PLUGS AND CONNECTORS CAN BE SEEN ONLINE AT
ACTUAL CONNECTORS, OVERMOLDS,
https://www.globtek.com/connectors/
https://www.globtek.com/connectors/
FERRITES MAY VARY SLIGHTLY FROM THE PICTURE BELOW DIMENSIONS ARE IN MM UNLESS SPECIFIED OTHERWISE
PROPRIETARY INFORMATION
PROPRIETARY OF GLOBTEK, INC. ANY REPRODUCTION, DISCLOSURE OR USE OF THIS DRAWING, IN WHOLE OR IN PART, IS HEREBY PROHIBITED EXCEPT AS SPECIFIED IN WRITING BY GLOBTEK, INC. © GlobTek, Inc.
2018 - 2022
guest /08/22/2022 7:08:04 AM CLONED FROM USBCM302M0USBAMWHR
Page 4 of 6
End A
Code:USBAM
Description:USB A MALE
Rating (V):30
Rating (A):3.0
Gender:Male
Overmolded:Yes
Cable
Code:UL 2725 WHT
(32AWG*1P+D+AL/MY)*2P+32AWG*1P+24AWG*2C+AB OD:4.3
Description:GT Cable #UL 2725 WHT
(32AWG*1P+D+AL/MY)*2P+32AWG*1P+24AWG*2C+AB OD:4.3:
SEE CODE / 8 Conductors, 4.3mm OD, UL 2725, 80 Deg.C, 30V,
RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE,
Approvals:
Color:GlobTek White
Wire Gauge(AWG):SEE CODE
Cond:8
Type:UL 2725
Temperature:
° C
80
Amps:3
Volts:30
OD:4.3
ConductorsColors:
RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE
End B
Code:USBCM3.0-56K
Description:USB C MALE 3.0 56K Res
Rating (V):20
Rating (A):5.0
Gender:Male
Overmolded:Yes
Overall cable rating:20V 2A
Plug Approvals
Cable Approvals
UL RECOGNIZED
Connector Approvals
AGENCY ONLINE DOCUMENTS
RoHS/RoHS3 Declaration
https://www.globtek.com/pdf/rohs_cert/01t0c000008qNI8AAM
REACH Declaration
https://www.globtek.com/pdf/iso_certificates/REACH.pdf
Conflict Minerals Declaration
https://www.globtek.com/pdf/conflict-minerals.pdf
Prop 65 Statement
https://en.globtek.com/prop-65-statement.pdf
CE.UKCA.Cord
https://globtek.secure.force.com/spec/ec_decl_product_model_family_incl_cord?id=01t0c000008qNI8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com