Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBCM303M0USBAMWHR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USBCM303M0USBAMWHR
Description  USB A MALE to USB C MALE 3.0 56K Res, GT Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USBCM303M0USBAMWHR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USBCM303M0USBAMWHR Datasheet HTML 1Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 2Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 3Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 4Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 5Page - List of Unclassifed Manufacturers USBCM303M0USBAMWHR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GlobTek, Inc.
www.globtek.com
186 Veterans Drive,
Northvale, NJ 07647
Tel. (201) 784-1000
Fax (201) 784-0111
Drawing Title:  USB A MALE to USB C MALE 3.0 56K Res, GT Cable #UL 2725 WHT (32AWG*1P+D+AL/MY)*2P+32AWG*1P+24AWG*2C+AB OD:4.3: SEE CODE / 8 Conductors, 4.3mm OD, UL 2725, 80 Deg.C,
30V, RED/WHITE/GREEN/BLACK/YELLOW/BLUE/PURPLE/ORANGE, Approvals: , 3000mm, GlobTek White
Model No.  Low voltage cable
Part No./Ordering No.  
 
USBCM303M0USBAMWHR
Rev A2
CUSTOMIZED LENGTHS, COLORS, CABLE TYPES, TERMINATIONS/PLUGS/RECEPTACLES AVAILABLE UPON REQUEST. ADDITIONAL PLUG OPTIONS ARE AVAILABLE AT
STANDARD PLUGS AND CONNECTORS CAN BE SEEN ONLINE AT
ACTUAL CONNECTORS, OVERMOLDS,
https://www.globtek.com/connectors/
https://www.globtek.com/connectors/
FERRITES MAY VARY SLIGHTLY FROM THE PICTURE BELOW DIMENSIONS ARE IN MM UNLESS SPECIFIED OTHERWISE
PROPRIETARY INFORMATION
PROPRIETARY OF GLOBTEK, INC. ANY REPRODUCTION, DISCLOSURE OR USE OF THIS DRAWING, IN WHOLE OR IN PART, IS HEREBY PROHIBITED EXCEPT AS SPECIFIED IN WRITING BY GLOBTEK, INC. © GlobTek, Inc.
2018 - 2022
guest /08/22/2022 7:08:04 AM CLONED FROM USBCM302M0USBAMWHR
Page 1 of 6
In Addition to GlobTek Inc.'s renewed ISO9001:2008 - Quality Management System Certification, GlobTek Inc. is now certified to:
ISO13485:2003 - Medical Devices Quality Management System Certification
ISO14001:2004 - Environmental Management System Certification
ISO Certificates are available online at https://www.globtek.com/iso-certificates/
Prop 65 Statement:https://en.globtek.com/prop-65-statement.pdf
The acceptance of this specification and use of the product described in this document indicates the acceptance and binding of the customer to Globtek TERMS AND CONDITIONS
(attached to the end of this document), which supersede all other agreements, terms, and conditions (
).
https://en.globtek.com/terms-and-conditions/
The purchaser of this product (Customer) agrees that it is their sole responsibility to determine suitability/fitness of the product described in this specification for their application and to take
precautions for protection against any hazards attendant to the handling and use of the product.
Footnote:
GlobTek Inc. will not be liable for the safety and performance of these power supplies if unauthorized access and repair occurs. End user should consult applicable UL, CSA or EN standards for proper installation instruction.
Limitation of Use:
GlobTek products are intended for use with commercial, medical, and/or industrial equipment only. GlobTek product are not authorized for use as mission critical components in life support hazardous environment, nuclear or
aircraft applications without prior written approval from the CEO of GlobTek Inc.
Contents of this document are subject to change without prior notice.
Customer Approval of Specification:
Please approve, sign and send back to GlobTek so we can complete order processing.
A delay in receipt of this form will delay delivery schedule.
Company Name:
Customer P/N:
Quote Number:
Date:
Authorized Representative Name:
Authorized Representative Signature:


Similar Part No. - USBCM303M0USBAMWHR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBCM303M0MICBMMBKR ETC-USBCM303M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM303M0MICBMMWHR ETC-USBCM303M0MICBMMWHR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
More results

Similar Description - USBCM303M0USBAMWHR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBCM301M0MICBMMBKR ETC-USBCM301M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/22/2022
USBCM301M0MICBMMWHR ETC-USBCM301M0MICBMMWHR Datasheet
662Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM301M0USBBMMWHR ETC-USBCM301M0USBBMMWHR Datasheet
372Kb / 6P
USB TYPE B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM302M0MICBMMBKR ETC-USBCM302M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM302M0MICBMMWHR ETC-USBCM302M0MICBMMWHR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM302M0USBBMMWHR ETC-USBCM302M0USBBMMWHR Datasheet
372Kb / 6P
USB TYPE B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM303M0MICBMMBKR ETC-USBCM303M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM303M0MICBMMWHR ETC-USBCM303M0MICBMMWHR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
USBCM313M0USBCMMMWHR ETC-USBCM313M0USBCMMMWHR Datasheet
174Kb / 6P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com