Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MVB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # 6TPE100MVB
Description  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE100MVB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  6TPE100MVB Datasheet HTML 1Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 2Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 3Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 4Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 5Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 6Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 7Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPE (D size) series
*1: Ripple current (100 kHz / +45
℃)
*2: ESR (100 kHz / +20
℃)
*3: tan δ (120 Hz / +20
℃)
*4: After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” ,“Taping specifications” and "Floor life level" .
◆ Small order quantity (500 pcs/reel) is available with TPE series. Please contact our sales representative if you prefer it.
Not recommended for new design
2a
3
3
2a
3
2a
D3L
D3L
D2E
6TPE330MIL
6TPE150M
6TPE220MI
6TPE220M
6TPE220MAP
6TPE220MW
6TPE100MI
6TPE100M
6TPE100MW
6TPE150MF
6TPE150MI
4TPE470MCL
4TPE470MFL
4TPE470MIL
4TPE470ML
220
68
–
D4
D3L
D2E
150
7.3
7.3
7.3
7.3
10TPE68MW
10TPE150MPL
10TPE220MIL
10TPE220ML
10TPE330M
6TPE220MIL
6TPE330MAP
6TPE330MAL
6TPE680M
10TPE68M
6TPE330MFL
6TPE330ML
6TPE330MA9EL
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4TPE470MWL
4TPE220M
4TPE220MV
4TPE330MI
4TPE330M
4TPE330MW
2R5TPE1500MC
2R5TPE1500MF
4TPE150MI
4TPE220MF
4TPE220MI
2R5TPE470MI
2R5TPE680MCL
2R5TPE680MFL
2R5TPE680MWL
2R5TPE1000MF
2500
2000
2R5TPE220M9
2R5TPE220MF
2R5TPE220MI
2R5TPE220M
2R5TPE330M7
2R5TPE330M9
2R5TPE330MC
2R5TPE330MF
2R5TPE330MI
2R5TPE330M
2R5TPE470M7
2R5TPE470M9
2R5TPE470MC
2R5TPE470MF
2000
3000
3000
2500
2500
3000
3000
2500
3000
2500
3000
3000
3000
3000
3000
2500
2500
2500
2500
2500
2500
3000
3000
3000
3000
3000
2500
2500
2500
3000
3000
3000
3000
3000
2500
2000
2000
2000
3000
3000
3000
3000
2500
2500
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
10
3000
3000
3000
3000
3000
3000
3000
3000
3000
3000
3000
3000
85
85
105
105
105
105
105
85
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
10
10
10
10
6.3
5.0
5.0
6.3
10
6.3
6.3
6.3
5.0
6.3
6.3
6.3
6.3
6.3
6.3
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
2.5
2.5
4.0
4.0
4.0
2.5
2.5
2.5
2.5
2.5
105
105
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
330
105
105
105
105
105
105
105
105
105
105
105
105
470
330
220
105
105
105
105
105
105
105
105
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
2.8
2.8
2.8
3.8
1.8
1.8
1.8
2.8
3.8
1.8
1.8
1.8
1.8
2.8
2.8
2.8
3.8
3.8
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
1.8
2.8
3.8
1.8
1.8
1.8
1.8
1.8
1.8
2.8
1.8
1.8
1.8
1.8
1.8
2.8
2.8
2.8
2.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1850
2400
2800
2400
2800
2400
1850
3100
2800
3500
3100
2800
2400
1850
2400
1750
2800
2400
1850
3000
2800
2400
2400
3000
2400
2400
2800
2400
2400
1850
4400
3900
2800
3100
2800
2800
3500
3100
1850
3900
25
25
3900
3100
2800
2400
4400
3900
3500
3100
2800
2400
4400
3900
3500
3100
25
25
40
25
18
25
40
18
15
18
25
18
25
25
40
18
25
40
40
12
15
18
15
18
25
45
18
12
15
18
12
15
18
12
15
25
0.10
0.10
9
15
18
25
7
9
12
15
18
25
7
9
0.10
0.10
0.15
0.10
0.10
0.10
0.10
0.10
40
15
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.15
0.10
0.10
0.10
0.10
0.10
220.0
330.0
138.6
207.9
207.9
428.4
68.0
0.10
0.10
0.10
0.10
0.10
0.15
0.10
0.10
0.10
0.10
0.10
0.15
0.10
0.10
0.10
0.10
0.10
94.5
138.6
138.6
138.6
138.6
63.0
63.0
63.0
94.5
94.5
170.0
170.0
250.0
188.0
188.0
188.0
188.0
188.0
88.0
88.0
132.0
132.0
132.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Apr-22
Reflow
temp
≦260℃
Reflow
temp
≦250℃
Ripple*1
current
(mA rms)
ESR*2
(mΩ max.)
tan δ*3
LC*4
(μA)
Part number
Min.
packaging
q'ty
(pcs)
Rated
capaci-
tance
(μF)
55.0
55.0
55.0
55.0
82.5
117.5
Rated
voltage
(V)
Rated
temper-
ature
(
℃)
Cate-
gory
voltage
(V)
Cate-
gory
temper-
ature
(
℃)
Case size
Size
code
Specifications
Floor life
(mm)
level
L
W
H
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Standard
117.5
117.5
117.5
82.5
82.5
82.5
82.5
82.5
375.0
375.0
60.0
88.0
88.0
117.5
170.0
2.5
3
680
D3L
1000
D4
1500
–
4.0
150
D2E
3
220
330
470
D3L
6.3
100
D2E
150
220
–
6.3
105
25
25
105
105
330
330
330
207.9
6.3
105
7.3 4.3 2.8
2800
18
0.10
2.8
3100
15
0.10
207.9
207.9
207.9
4.3
85
5.0
105
7.3 4.3 2.8
3900 9/500kHz 0.10
105
0.10
207.9 6TPE330MAA
2000
105
6.3
105
7.3 4.3 2.8
2400
25
0.10
85
5.0
105
7.3 4.3 3.8 D4 4400
10
105
85
5.0
105
470
7.3 4.3 1.4 D15E 1700
3000
105
6.3
105
7.3 4.3 3.8
2350
35
0.10
296.1 6TPE470MAZU
4000
105
6.3
105
7.3 4.3 3.8
D4
3500
18
0.15
296.1 6TPE470MI
2000
105
6.3
105
7.3 4.3 3.8
220.0
25
0.15
296.1 6TPE470M
2000
105
6.3
105
7.3 4.3 3.8
2500
35
0.15
296.1 6TPE470MZ
2000
68.0
150.0
0.10
0.10
4.3
4.3
Characteristics list
10
D2E
D3L
3
2a
40
0.15
296.1 6TPE470MW
2000
105
6.3
105
680 7.3 4.3 3.8
3500
18
0.15
428.4 6TPE680MI
2000
NRFND
NRFND
NRFND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com