Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MVB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 6TPE100MVB
Description  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE100MVB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  6TPE100MVB Datasheet HTML 1Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 2Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 3Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 4Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 5Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 6Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 7Page - Panasonic Semiconductor 6TPE100MVB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
● Small size (L 3.5 × W 2.8 × H 1.9 mm)
● Low ESR (15 mΩ max.)
● RoHS compliance, Halogen free
R. voltage code
Unit
:V
R. capacitance code
Unit
:μF
Unit
:mm
* Externals of figure are the reference.
Capacitance tolerance
±20 % (120 Hz / +20
℃)
Leakage current
Rated volt. range
Category volt. range
Rated cap. range
2.0 V to 10 V
1.8 V to 8 V
47 μF to 470 μF
Please see the attached characteristics list
–55
℃ to +105 ℃
Size code
Category temp. range
B2
Features
Specifications
28-Apr-22
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
S±0.2 W1±0.1
Size code
L±0.2 W±0.2 H±0.1
1.9
2.8
3.5
0.8
2.2
Should a safety concern arise regarding this product, please be sure to contact us immediately.
100
J8
47
Surge voltage (V)
Damp heat
(Steady State)
e
2.5
j
Dissipation factor(tan δ)
S7
Rated temp, +85
℃ Products : +85 ℃ 1000 h, rated voltage applied
Rated voltage × 1.15
C8
220
B2
Leakage current
d
2.0
g
120
N8
330
≦ 3 times of the initial limit
6.3
A8
Marking
Dimensions (not to scale)
10
Dissipation factor(tan δ)
Please see the attached characteristics list
Dissipation factor(tan δ)
≦ 1.5 times of the initial limit
Endurance
+105
℃ 1000 h rated voltage applied
Capacitance change
Leakage current
Within the initial limit
≦ 1.5 times of the initial limit
Within ±20 % of the initial value
E8
150
+60
℃, 90 % to 95 % RH, 500 h, No-applied voltage
Capacitance change
470
2TPE330MAFB (MADGB), 2TPE470MAJGB (MAFB), 2TPE330MFB,
ETPE330MAFB (MA9GB))
Within +40 %,
−20 % of the initial value (Except for above model)
Within +50 %,
−20 % of the initial value
(2R5TPE220MAZB (MAPB, MAFB), 2R5TPE330MAZB,
A
4.0
8.0
S8
k
Conductive Polymer Tantalum
Solid Capacitors
Surface Mount Type
TPE series
B size
Rated capacitance code
Rated voltage code
L
Polarity marking (+)
Lot No.
S
S
W1
Some part numbers are not a recommended product.
Not recommended for new design.


Similar Part No. - 6TPE100MVB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
6TPE100MVB PANASONIC-6TPE100MVB Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Similar Description - 6TPE100MVB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETCE680MCL PANASONIC-ETCE680MCL Datasheet
57Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
Conductive Polymer Tantalum Solid Capacitors
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TLE PANASONIC-TLE Datasheet
805Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
09-Jul-21
073020 PANASONIC-073020 Datasheet
501Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com