Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MASTERGAN4
Description  High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN4 Datasheet(HTML) 4 Page - STMicroelectronics

  MASTERGAN4 Datasheet HTML 1Page - STMicroelectronics MASTERGAN4 Datasheet HTML 2Page - STMicroelectronics MASTERGAN4 Datasheet HTML 3Page - STMicroelectronics MASTERGAN4 Datasheet HTML 4Page - STMicroelectronics MASTERGAN4 Datasheet HTML 5Page - STMicroelectronics MASTERGAN4 Datasheet HTML 6Page - STMicroelectronics MASTERGAN4 Datasheet HTML 7Page - STMicroelectronics MASTERGAN4 Datasheet HTML 8Page - STMicroelectronics MASTERGAN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin Number
Pin Name
Type
Function
28, EP1
GND
Power Supply
Gate driver ground
3
PGND
Power Supply
Gate driver low-side buffer ground. Internally connected to
SENSE.
26
HIN
Logic Input
High-side driver logic input
24
LIN
Logic Input
Low-side driver logic input
25
SD/OD
Logic Input-output Driver shutdown input and fault open-drain
2
GL
Output
Low-side GaN gate.
20
GH
Output
High-side GaN gate.
23, 29, 30, 31
N.C.
Not connected
Leave floating
MASTERGAN4
Pin list
DB4419 - Rev 1
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com