Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MASTERGAN4
Description  High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN4 Datasheet(HTML) 1 Page - STMicroelectronics

  MASTERGAN4 Datasheet HTML 1Page - STMicroelectronics MASTERGAN4 Datasheet HTML 2Page - STMicroelectronics MASTERGAN4 Datasheet HTML 3Page - STMicroelectronics MASTERGAN4 Datasheet HTML 4Page - STMicroelectronics MASTERGAN4 Datasheet HTML 5Page - STMicroelectronics MASTERGAN4 Datasheet HTML 6Page - STMicroelectronics MASTERGAN4 Datasheet HTML 7Page - STMicroelectronics MASTERGAN4 Datasheet HTML 8Page - STMicroelectronics MASTERGAN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
600 V system-in-package integrating half-bridge gate driver and high-voltage
GaN power transistors:
QFN 9 x 9 x 1 mm package
RDS(ON) = 225 mΩ
IDS(MAX) = 6.5 A
Reverse current capability
Zero reverse recovery loss
UVLO protection on low-side and high-side
Internal bootstrap diode
Interlocking function
Dedicated pin for shutdown functionality
Accurate internal timing match
3.3 V to 15 V compatible inputs with hysteresis and pull-down
Overtemperature protection
Bill of material reduction
Very compact and simplified layout
Flexible, easy and fast design.
Application
Switch-mode power supplies
Chargers and adapters
High-voltage PFC, DC-DC and DC-AC converters
Description
The MASTERGAN4 is an advanced power system-in-package integrating a gate
driver and two enhancement mode GaN power transistors.
The integrated GaN power transistors have 650 V drain
‑source blocking voltage and
RDS(ON) of 225 mΩ, while the high-side of the embedded gate driver can be easily
supplied by the integrated bootstrap diode
The MASTERGAN4 features UVLO protection on both the lower and upper
driving sections, preventing the power switches from operating in low efficiency
or dangerous conditions, and the interlocking function avoids cross-conduction
conditions.
The input pins extended range allows easy interfacing with microcontrollers, DSP
units or Hall effect sensors.
The MASTERGAN4 operates in the industrial temperature range, -40°C to 125°C.
The device is available in a compact 9x9 mm QFN package.
Product status link
MASTERGAN4
Product label
High power density 600V half-bridge driver with two enhancement mode GaN
Power HEMT
MASTERGAN4
Data brief
DB4419 - Rev 1 - February 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - MASTERGAN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MASTERGAN1 STMICROELECTRONICS-MASTERGAN1 Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN1TR STMICROELECTRONICS-MASTERGAN1TR Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN2 STMICROELECTRONICS-MASTERGAN2 Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
MASTERGAN2TR STMICROELECTRONICS-MASTERGAN2TR Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
More results

Similar Description - MASTERGAN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALMASTERGAN4 STMICROELECTRONICS-EVALMASTERGAN4 Datasheet
6Mb / 13P
Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
26-Feb-2021
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
STMicroelectronics
MASTERGAN1 STMICROELECTRONICS-MASTERGAN1 Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN2 STMICROELECTRONICS-MASTERGAN2 Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com