Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 1 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
SPC58EC80E5 microcontroller: 32-bit Power Architecture e200z4d dual core,
4224 kB flash + 128 kB data flash) in eTQFP144 package
•
Integrated programmer and debugger
•
2 integrated ISO CAN FD transceivers
•
1 USB virtual COM Port (USB cable not included)
•
3 user push buttons and 3 user LEDs
•
2 potentiometers for ADC quick evaluation
•
Reset button
•
All GPIOs and signals accessible by a 4x37 connector
•
Board supply: 12 VDC (external power supply not included)
•
Board size: 150 x 101 mm
•
All ST components are qualified Automotive grade
•
CE certified; RoHS and China RoHS compliant
•
WEEE compliant (2012/19/UE RAEE II)
•
Part of the AutoDevKit™ initiative
Description
The AEK-MCU-C4MLIT1 board is designed to address Automotive and
Transportation applications and other applications requiring automotive safety and
security levels, also thanks to the Hardware Secure Module (HSM) embedded on the
SPC58EC80E5 MCU, which renders it compliant with the EVITA Medium standard.
The board exploits the functionality of SPC58EC80E5 32-bit automotive grade ASIL-
B microcontroller with 4 MB flash, full access to the two MCU cores, GPIOs and
peripherals such as ISO CAN FD (with transceiver) and UART at a very competitive
price.
The board hosts a PLS debugger/programmer and an extension connector (4x37
pins) for functional interaction across boards that are compatible with the AutoDevKit
initiative. The PLS Universal Debug Engine (UDE) software is available for free
download and includes a free perpetual 256 Kbyte debugging/programming license.
The SPC5-STUDIO software includes ready-to-run peripheral firmware examples and
low-level drivers to support quick evaluation and development. This IDE is available
for free download and includes visual configurable code generation engine, board
support package (BSP), graphical PinMap editor, startup routines and interrupt
services.
The AutoDevKit plugin extends SPC5-STUDIO with support for a set of functional
boards (e.g. LED drivers, DC motor drivers, stepper motor drivers, wireless
communication, digital power supplies, etc.) and libraries implementing useful
functions. To install AutoDevKit, download the STSW-AUTODEVKIT plugin and
follow the procedure to install the plug-in for Eclipse/SPC5-Studio.
Product summary
MCU discovery board
for SPC5 Chorus 4M
automotive
microcontroller with
CAN transceivers
AEK-MCU-
C4MLIT1
32-bit Power
Architecture MCU for
Automotive General
Purpose Applications -
Chorus family
SPC58EC80E5
code generator, quick
resource configurator
and Eclipse
development
environment for SPC5
MCUs
SPC5-STUDIO
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
transceivers
AEK-MCU-C4MLIT1
Data brief
DB3906 - Rev 1 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPC5-STUDIO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
1Mb / 8P
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
12-Feb-2020
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 11P
Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
3Mb / 10P
Predefined gesture detection system based on FlightSense technology sensors
More results

Similar Description - SPC5-STUDIO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
AEK-MCU-C1MLIT1 STMICROELECTRONICS-AEK-MCU-C1MLIT1 Datasheet
1Mb / 8P
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
12-Feb-2020
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
AEK-CON-SENSOR1 STMICROELECTRONICS-AEK-CON-SENSOR1 Datasheet
748Kb / 5P
Connector board for SPC5 MCU discovery boards and MEMS sensor boards in DIL 24 socket
10-Feb-2021
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com