Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7387 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7387
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7387 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7387 Datasheet HTML 1Page - Diodes Incorporated AP7387 Datasheet HTML 2Page - Diodes Incorporated AP7387 Datasheet HTML 3Page - Diodes Incorporated AP7387 Datasheet HTML 4Page - Diodes Incorporated AP7387 Datasheet HTML 5Page - Diodes Incorporated AP7387 Datasheet HTML 6Page - Diodes Incorporated AP7387 Datasheet HTML 7Page - Diodes Incorporated AP7387 Datasheet HTML 8Page - Diodes Incorporated AP7387 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP7387
Document number: DS44416 Rev. 3 - 2
2 of 18
www.diodes.com
July 2022
© Diodes Incorporated
AP7387
Typical Applications Circuit
VIN
GND
VOUT
COUT
10
μ F
VOUT
VIN
AP7387
CIN
1
μ F
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
SOT23
SOT89
SOT89R
U-DFN2020-6
(Type C)
U-DFN2020-6R
(Type C)
1
3
2
3
6
1
VIN
Input voltage
2
1
1
2
4
3, 4
GND
Ground
3,4
-
-
-
2, 3, 5
2, 5
NC
Not connected internally, recommend
connection to GND to maximize PCB copper
for
thermal dissipation
5
2
3
1
1
6
VOUT
Regulated output voltage
-
-
-
-
EP
EP
Exposed
Pad
In PCB layout, prefer to use large copper
area to cover this pad for better thermal
dissipation, then connect this area to GND.
This pad is connected with GND internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com