Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7387 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7387
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7387 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7387 Datasheet HTML 1Page - Diodes Incorporated AP7387 Datasheet HTML 2Page - Diodes Incorporated AP7387 Datasheet HTML 3Page - Diodes Incorporated AP7387 Datasheet HTML 4Page - Diodes Incorporated AP7387 Datasheet HTML 5Page - Diodes Incorporated AP7387 Datasheet HTML 6Page - Diodes Incorporated AP7387 Datasheet HTML 7Page - Diodes Incorporated AP7387 Datasheet HTML 8Page - Diodes Incorporated AP7387 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP7387
Document number: DS44416 Rev. 3 - 2
3 of 18
www.diodes.com
July 2022
© Diodes Incorporated
AP7387
Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
-0.3 ~ 80
V
VOUT
Regulated Output Voltage
-0.3 ~ 6
V
IOUT
Output Current
Internally limited
mA
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
TJ
Operating Junction Temperature
+150
°C
TA
Operating Ambient Temperature
-40 to +85
°C
θJA
Thermal Resistance
SOT25
150
°C/W
SOT23
248.5
SOT89
165
SOT89R
79
U-DFN2020-6 (Type C)
48
TSTG
Storage Temperature Range
-40 to +150
°C
CDM
ESD (Change Device Model)
2KV
V
HBM
ESD (Human Body Model)
4KV
V
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period may affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC STD.51 High-K board design used to derive this data was a 3 inch x 3 inch multilayer
board with 1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
5.0
60
V
VOUT
Supply Output Voltage
3.0
5.0
V
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com