Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC045N03L5S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ISC045N03L5S
Description  OptiMOSTMPower-MOSFET,30V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC045N03L5S Datasheet(HTML) 5 Page - Infineon Technologies AG

  ISC045N03L5S Datasheet HTML 1Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 2Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 3Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 4Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 5Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 6Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 7Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 8Page - Infineon Technologies AG ISC045N03L5S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
OptiMOSTMPower-MOSFET,30V
ISC045N03L5S
Rev.2.0,2020-02-20
Final Data Sheet
Table7Reversediode
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode continuous forward current
IS
-
-
30
A
TC=25°C
Diode pulse current
IS,pulse
-
-
120
A
TC=25°C
Diode forward voltage
VSD
-
0.89
-
V
VGS=0V,IF=30A,Tj=25°C
Reverse recovery charge
Qrr
-
5
-
nC
VR=15V,IF=IS,diF/dt=400A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com