Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC045N03L5S Datasheet (PDF) - Infineon Technologies AG

ISC045N03L5S Datasheet PDF - Infineon Technologies AG
Part # ISC045N03L5S
Download  ISC045N03L5S Download
File Size   1318.54 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTMPower-MOSFET,30V

ISC045N03L5S Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC045N03L5S Datasheet PDF - Infineon Technologies AG

Part # ISC045N03L5S
Download  ISC045N03L5S Click to download

File Size   1318.54 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTMPower-MOSFET,30V

ISC045N03L5S Datasheet (HTML) - Infineon Technologies AG


ISC045N03L5S Product details

Features
•OptimizedforhighperformanceBuckconverter
•Optimizedforcleanswitching
•Superiorthermalresistance
•N-channel
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21




Similar Part No. - ISC045N03L5S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC044N15NM6 INFINEON-ISC044N15NM6 Datasheet
1Mb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 2.0 2024-04-23
ISC046N04NM5 INFINEON-ISC046N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-23
ISC046N13NM6 INFINEON-ISC046N13NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 135 V
Rev. 2.0, 2023-10-16
More results


Similar Description - ISC045N03L5S

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6602 AOSMD-AO6602_11 Datasheet
327Kb / 9P
30V Complementary MOSFET
AON3611 AOSMD-AON3611 Datasheet
451Kb / 9P
30V Complementary MOSFET
AON4605 AOSMD-AON4605 Datasheet
424Kb / 9P
30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4606 GOOD-ARK-SSF4606_15 Datasheet
580Kb / 4P
30V Complementary MOSFET
logo
Infineon Technologies A...
ISC037N03L5IS INFINEON-ISC037N03L5IS Datasheet
1Mb / 13P
OptiMOSTMPower-MOSFET,30V
2020-02-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com