Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC045N03L5SATMA1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC045N03L5SATMA1
Description  OptiMOSTMPower-MOSFET,30V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC045N03L5SATMA1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC045N03L5SATMA1 Datasheet HTML 1Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 2Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 3Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 4Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 5Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 6Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 7Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 8Page - Infineon Technologies AG ISC045N03L5SATMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
ISC045N03L5S
Rev.2.0,2020-02-20
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
MOSFET
OptiMOSTMPower-MOSFET,30V
Features
•OptimizedforhighperformanceBuckconverter
•Optimizedforcleanswitching
•Superiorthermalresistance
•N-channel
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
QualifiedaccordingtoJEDECStandard
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
30
V
RDS(on),max
4.5
m
Ω
ID
63
A
QOSS
8.6
nC
QG(0V..10V)
13
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISC045N03L5S
PG-TDSON-8
045N03L5
-


Similar Part No. - ISC045N03L5SATMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC044N15NM6 INFINEON-ISC044N15NM6 Datasheet
1Mb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 2.0 2024-04-23
ISC046N04NM5 INFINEON-ISC046N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-23
ISC046N13NM6 INFINEON-ISC046N13NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 135 V
Rev. 2.0, 2023-10-16
More results

Similar Description - ISC045N03L5SATMA1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6602 AOSMD-AO6602_11 Datasheet
327Kb / 9P
30V Complementary MOSFET
AON3611 AOSMD-AON3611 Datasheet
451Kb / 9P
30V Complementary MOSFET
AON4605 AOSMD-AON4605 Datasheet
424Kb / 9P
30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4606 GOOD-ARK-SSF4606_15 Datasheet
580Kb / 4P
30V Complementary MOSFET
logo
Infineon Technologies A...
ISC037N03L5IS INFINEON-ISC037N03L5IS Datasheet
1Mb / 13P
OptiMOSTMPower-MOSFET,30V
2020-02-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com