Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710607
Description  2/3/4/5G and WIFI 2x MIMO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710607 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710607 Datasheet HTML 1Page - PCTEL, Inc. 710607 Datasheet HTML 2Page - PCTEL, Inc. 710607 Datasheet HTML 3Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
550 253D
Smarteq, based in Stockholm, Sweden, is a leading developer
of antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy
and vehicles.
smarteq.com
info@smarteq.com
+46 8 792 92 00
Electrical: WiFi
Frequencies
2400-2485MHz
4915-5825MHz
Polarization
Vertical
VSWR
≤ 2:1
Gain,
on ground plane
(peak gain, excluding cable)
2400-2485MHz
3.5dBi
4900-6000MHz
6.5dBi
Radiation Efficiency
2400-2500MHz
70%
4900-6000MHz
53%
Mechanical
Dimensions (D x H)
96 x 55mm
Installation
Hole mount with center screw
Hole dimension Ø19mm
Installation thickness
≤ 8.5mm
Min. installation radius 1000mm
Has to be mounted on a metal ground plane
minimum size Ø25 cm.
Cable
RG316, grey
Cable length upon request
Weight
~200g
Material
PC/PBT/Aluminum alloy
Color
Black, (Optional, White, Grey)
IP class
IP6K9K
Temperature
Storage / Operating:
-40°C to +85°C
UV protection
>10 years
Selection of Alldisc-S MIMO WIFI versions
Part number
Antenna
color
Radio
System
Cable
length (m)
Connector
Code
710633
Black
Cellular
WiFi-1
WiFi-2
0.20
0.25
0.30
FAKRA-m
D
I
I
Smarteq reserves the right to change specifications without prior notice
Important: Please note that other cable lengths and connector types are available
upon request. Please do not hesitate to contact your local Smarteq representative
with your specific requirements.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com