Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710607
Description  2/3/4/5G and WIFI 2x MIMO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710607 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710607 Datasheet HTML 1Page - PCTEL, Inc. 710607 Datasheet HTML 2Page - PCTEL, Inc. 710607 Datasheet HTML 3Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
550 253D
Smarteq, based in Stockholm, Sweden, is a leading developer
of antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy
and vehicles.
smarteq.com
info@smarteq.com
+46 8 792 92 00
Accessories
Part number
710452
Alldisc Bracket White
710598
Slitted nut
710206
Extension nut
Extension cables
Part number
Cable
LL58
Connector
Gender
Code
710606
2.5m
FAKRA/SMA
Female/Male
Z/
710608
2.5m
FAKRA
Female/Female
D
710609
2.5m
FAKRA
Female/Female
C
710610
2.5m
FAKRA
Female/Female
I
710607
5.0m
FAKRA/SMA
Female/Male
Z/
710611
5.0m
FAKRA
Female/Female
D
710612
5.0m
FAKRA
Female/Female
C
710613
5.0m
FAKRA
Female/Female
I
Other
RoHS compliant
REACH compliant
Certified according to 2014/53/EU Radio Equipment Directive (RED)
Type approval: E5 (ECE R10.5)
Smarteq reserves the right to change specifications without prior notice.
AllDisc bracket
Extension nut to be used on
Alldisc with long screw
enabling installation
thickness 25-50mm
Slitted nut



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com