Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWZ1 Datasheet(PDF) 3 Page - Schurter Inc.

Part # SWZ1
Description  Voltage selector switch, 6 stages, serie-parallel, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWZ1 Datasheet(HTML) 3 Page - Schurter Inc.

  SWZ1 Datasheet HTML 1Page - Schurter Inc. SWZ1 Datasheet HTML 2Page - Schurter Inc. SWZ1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Voltage Selector
SWZ1 (Frontpl)
https://www.schurter.com /PG04
Circuit Protection
Diagrams
Reverse view
110V
20V
20V
110V
2
3
4
4
5
6
7
2
3
41
1
A)
B)
A) Power mains
B) External connection
All Variants
Letterings
Order Number
Stage 1
Stage 2
Stage 3
Stage 4
Stage 5
Stage 6
150
220
130
260
110
240
0033.3501
␣
220
120
240
110
␣
0033.3502
␣
115
230
␣
␣
␣
0033.3503
130
220
120
240
110
230
0033.3504
140
200
120
240
100
220
0033.3505
127
200
115
240
100
220
0033.3510
␣
␣
␣
␣
␣
␣
0033.3514
␣
220
130
␣
110
240
0033.3518
␣
␣
110
220
␣
␣
0033.3522
0
220
120
0
100
230/240
0033.3527
█
100
240
␣
220
120
␣
0033.3530
130
200
115
230
100
215
0033.3539
␣
200
120
240
100
␣
0033.3547
100
0
117
220
100
240
0033.3549
140
200
120
240
100
230
0033.3553
␣
␣
120
240
100
220
0033.3555
140
200
120
230/240
100
220/230
0033.3558
127
220
115
240
110
230
0033.3560
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-
Check-SCHURTER
Packaging Unit
25 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com