Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWZ1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # SWZ1
Description  Voltage selector switch, 6 stages, serie-parallel, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWZ1 Datasheet(HTML) 1 Page - Schurter Inc.

  SWZ1 Datasheet HTML 1Page - Schurter Inc. SWZ1 Datasheet HTML 2Page - Schurter Inc. SWZ1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Voltage Selector
SWZ1 (Frontpl)
https://www.schurter.com /PG04
Circuit Protection
Voltage selector switch, 6 stages, serie-parallel, panel mounting
See below:
Approvals and Compliances
Description
- Voltage Selector , 6 stages
- Series-parallel connections
- Solder terminals
References
Alternative: version for PCB mounting SWZ2 (Print)
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Detailed request for product
Technical Data
Ratings
IEC: 6.3 A / 250 VAC; 50 Hz
UL: 10 A / 250 VAC; 60 Hz
CSA: 6.3 A / 250 VAC; 60 Hz
Mounting
Panel mount front side
Attachment
Screw-on mounting
Terminal
Solder
Number of Stages
6
Lifetime
300 operating cycles (without load)
Degree of Protection
IP40
Protection Class
Suitable for appliances with protection
class II acc. to IEC 61140
Allowable Operation Tempe-
rature
-40 °C to 85 °C
Climatic Category
25/85/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Weight
12.4 g
Solderability
350 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Insulation Resistance
> 10'000M
Ω (500VDC; 1min)
Contact Resistance
< 10 m
Ω at 20 mV
Dielectric Strength
> 2kVAC between L-N
> 4kVAC between L/N-PE
(1min; 50Hz)
Clearance and Creepage Di-
stance
> 3mm
> 8mm between L/N-PE
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Panel Thickness S
max 4 mm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: SWZ
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number:
UL Approvals
UL
UR File Number: E72661
CSA Approvals
CSA
CSA Certification Record: LR45945


Similar Part No. - SWZ1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1 Datasheet
226Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
More results

Similar Description - SWZ1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRM2 SCHURTER-GRM2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Line Switch, Fuseholder 1- or 2-pole, Voltage Selector (series-parallel), "Lock and Shield" Mounting,
SWZ1 SCHURTER-SWZ1 Datasheet
226Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
SWA1 SCHURTER-SWA1 Datasheet
232Kb / 3P
Voltage selector switch, 2 stages, serie-parallel, panel mounting
SWA2 SCHURTER-SWA2 Datasheet
230Kb / 3P
Voltage selector switch, 2 stages, series-parallel, PCB mounting
SWM1 SCHURTER-SWM1 Datasheet
301Kb / 3P
Voltage selector switch, 3 stages, step switch, panel mounting
SWM2 SCHURTER-SWM2 Datasheet
232Kb / 3P
Voltage selector switch, 3 stages, step switch, PCB mounting
SWP SCHURTER-SWP Datasheet
237Kb / 3P
Voltage selector switch, 6 stages, step switch, panel mounting
SWZ2 SCHURTER-SWZ2 Datasheet
229Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, PCB mounting
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com