Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDS112 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # IDS112
Description  10W, Step-Down, Single Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

IDS112 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  IDS112 Datasheet HTML 1Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 2Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 3Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 4Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 5Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{4
{2
---
Transient Response Deviation
uS
150
100
---
50% Load Step Change
Transient Recovery Time
%
---
---
120
Over Load
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
120
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
50
30
---
Ripple & Noise (20MHz)
%
{1.5
{0.5
---
Io=0% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
K Hours
---
---
1500
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
300
---
Switching Frequency
none
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Referenced to Negative Input
Control Common
uA
-100
---
---
Control Input Current ( off )
uA
50
---
---
Control Input Current ( on )
uA
300
100
---
Device Standby Input Current
VDC
1.2
---
-0.3
Supply Off
VDC
3.0 to 5.0VDC or Open Circuit
Supply On
Unit
Max.
Typ.
Min.
Conditions
Parameter
Remote On/Off Control
VDC
5
---
3
IDS112, IDS122
VDC
3.3
---
1.8
IDS101, IDS121
Trim Down Range
Unit
Max.
Typ.
Min.
Models
Parameter
Output Voltage Trim
1000mA Slow - Blow Type
3000mA Slow - Blow Type
4000mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
IDS100 Series
REV:0 2005/04
MINMAX
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com