Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDS112 Datasheet (PDF) - Minmax Technology Co., Ltd.

IDS112 Datasheet PDF - Minmax Technology Co., Ltd.
Part # IDS112
Download  IDS112 Download
File Size   241.34 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 10W, Step-Down, Single Output DC/DC Converters

IDS112 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDS112 Datasheet PDF - Minmax Technology Co., Ltd.

Part # IDS112
Download  IDS112 Click to download

File Size   241.34 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description 10W, Step-Down, Single Output DC/DC Converters

IDS112 Datasheet (HTML) - Minmax Technology Co., Ltd.


IDS112 Product details

High efficiency, wide input voltage range and low output noise define IDS Series of non-isolated, step-down, switching DC/DC converters.
   
Key Features
• Efficiency up To 93%
• Output Current up to 2A
• MTBF > 1,500,000 Hours
• Low Cost
• Remote On/Off Control
• Low Output Noise
• Temperature Performance -25°C to +70°C
• Step-down Switching Regulator
• Overload Protection
• Standby Current 100uA only
   




Similar Part No. - IDS112

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
IDS112 TOTAL-POWER-IDS112 Datasheet
360Kb / 6P
10W, Step-Down, Single Output DC/DC Converters
More results


Similar Description - IDS112

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
Isolated 10W Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
10W, Step-Down, Single Output DC/DC Converters
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
600mA Synchronous Dual Output Step-Down DC/DC Converters
logo
MicroPower Direct, LLC
A1100RW MPD-A1100RW Datasheet
171Kb / 2P
Miniature, 10W DIP Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com