Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCX10S Datasheet (PDF) - C&D Technologies

NCX10S Datasheet PDF - C&D Technologies
Part # NCX10S
Download  NCX10S Download
File Size   837.16 Kbytes
Page   5 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 10W Single Output DC/DC Converters

NCX10S Datasheet (PDF)

Go To PDF Page Download Datasheet
NCX10S Datasheet PDF - C&D Technologies

Part # NCX10S
Download  NCX10S Click to download

File Size   837.16 Kbytes
Page   5 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 10W Single Output DC/DC Converters

NCX10S Datasheet (HTML) - C&D Technologies


NCX10S Product details

DESCRIPTION
The NCX10S series of DC/DC Converters combines ease of application with versatility and is available in two pin patterns based on popular industry standards. High efficiency enables full rating to be achieved in a small package without heatsinking, and a high surge capability will provide for start-up and transient loads, whilst being thermally protected against sustained overload. The NCX10S series is currently undergoing testing by Underwriters Laboratory (UL) to UL 60950 for functional insulation.

FEATURES
■ High Efficiency to 82%
■ 500V Input to Output Isolation
■ Industry Standard Pinout
■ UL 60950 Recognition Pending
■ Non Latching Current Limit
■ Constant 400kHz Frequency
■ Versatile Control Options
■ Continuous Rating to 10W @85°C
■ Operation to Zero Load
■ Protected Against Load Faults
■ Internal Over Temperature Protection
■ Uses No Electrolytic Capacitors




Similar Part No. - NCX10S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
Low voltage comparator
Rev. 6-9 July 2014
NCX2202 NXP-NCX2202 Datasheet
840Kb / 15P
Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GM NXP-NCX2202GM Datasheet
840Kb / 15P
Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GW NXP-NCX2202GW Datasheet
840Kb / 15P
Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
More results


Similar Description - NCX10S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
Isolated 10W Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
10W, Step-Down, Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
10W, Step-Down, Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
Isolated 2W Single Output DC/DC Converters
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com