Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPH10S Datasheet (PDF) - C&D Technologies

NPH10S Datasheet PDF - C&D Technologies
Part # NPH10S
Download  NPH10S Download
File Size   103.26 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 10W Single Output DC/DC Converters

NPH10S Datasheet (PDF)

Go To PDF Page Download Datasheet
NPH10S Datasheet PDF - C&D Technologies

Part # NPH10S
Download  NPH10S Click to download

File Size   103.26 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 10W Single Output DC/DC Converters

NPH10S Datasheet (HTML) - C&D Technologies


NPH10S Product details

DESCRIPTION
The NPH10S series of DC-DC Converters combines ease of application with versatility. The pin pattern is based on the popular industry standard, but two additional pins may optionally be fitted to provide a variety of features not commonly found on units of this type. High efficiency enables full rating to be achieved in a small package without heatsinking. Thermally protected against sustained overload. The copper case achieves efficient heat transfer and screening. The product range has been recognised by Underwriters Laboratory (UL) to UL 1950 for operational insulation, file number E179522 applies.

FEATURES
■ High Efficiency to 86%
■ Power Density up to 1.5kW/L (24W/in3)
■ 1.5kV Input to Output Isolation
■ Industry Standard Pinout
■ Surge Rating to 12W
■ Non Latching Current Limit
■ Fixed Frequency
■ Versatile Control Options
■ Continuous Rating to 10W at 72°C Without Heatsink
■ Operation to Zero Load
■ Protected Against Load Faults
■ Internal Over Temperature Protection
■ Uses No Electrolytic Capacitors
■ UL 94V-0 Package Materials




Similar Part No. - NPH10S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH10S2403EiC MURATA-NPH10S2403EiC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
NPH10S2403iC MURATA-NPH10S2403iC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
NPH10S2405EiC MURATA-NPH10S2405EiC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
NPH10S2412EiC MURATA-NPH10S2412EiC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
More results


Similar Description - NPH10S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
Isolated 10W Single Output DC/DC Converters
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
10W, Step-Down, Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
10W, Step-Down, Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
Isolated 2W Single Output DC/DC Converters
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com