Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP-1264-252 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ACMP-1264-252
Description  Power Common Mode Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMP-1264-252 Datasheet(HTML) 4 Page - Abracon Corporation

  ACMP-1264-252 Datasheet HTML 1Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 2Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 3Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 4Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 5Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 06-29-22
For terms and conditions of sales, please visit:
www.abracon.com
Power Common Mode Chokes
ACMP-1264 Series
12 x 10.8 x 6.4 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Description
Specification
Core
Ferrite core
Wire
Enameled copper wire
Base
Plastic
Adhesive
Epoxy resin
Terminal
Sn/Cu
Ink
White
ACMP ­
­
­
Package L x H (mm)
1264: 12mm x 6.4mm
Packaging
T: Tape & Reel 500 pcs
Impedance (Ω)
701: 700Ω Typical
Materials
Part Identification
Prefix
Blank: Commercial grade
Schematic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com