Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP-1264-252 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACMP-1264-252
Description  Power Common Mode Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMP-1264-252 Datasheet(HTML) 1 Page - Abracon Corporation

  ACMP-1264-252 Datasheet HTML 1Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 2Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 3Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 4Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 5Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 06-29-22
For terms and conditions of sales, please visit:
www.abracon.com
Power Common Mode Chokes
ACMP-1264 Series
12 x 10.8 x 6.4 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Rated Current is based on an Irms temperature rise of 40°C
Operating Temperature: -40°C to +125°C (Including self-heating)
Storage (in original packaging): <40°C, <60% RH
ACMP-1264 Series is RoHS Compliant and Pb free
Part Number
Impedance
(Ω)
@100MHz
DCR
(mΩ)
Rated
Current
(A)
Rated
Voltage
(Vdc)
Insulation
Resistance
(MΩ)
Min Typ.
Max
Typ.
Max
Min
ACMP-1264-231
80
230
4.0
10
125
10
ACMP-1264-701
500
700
6.0
8.0
125
10
ACMP-1264-801
600
800
8.0
8.0
125
10
ACMP-1264-102
750 1000
14
6.0
125
10
ACMP-1264-132
910 1300
23
4.5
125
10
ACMP-1264-252
2200 2500
35
1.8
125
10
ACMP-1264-272
2300 2700
50
1.5
125
10
•
Commercial Grade
•
PPAP ready and supported
•
Excellent impedance characteristics
•
Rated current up to 10A
•
Extremely Low DCR
•
DC power line common mode noise
suppression.
•
Switch Mode Power Supplies and regulators
•
Variable Frequency Drives
•
AC/DC power rectifiers
Electrical Specifications
Applications
Features


Similar Part No. - ACMP-1264-252

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMP-1566 ABRACON-ACMP-1566 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1566-102 ABRACON-ACMP-1566-102 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1566-152 ABRACON-ACMP-1566-152 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1566-301 ABRACON-ACMP-1566-301 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1566-501 ABRACON-ACMP-1566-501 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
More results

Similar Description - ACMP-1264-252

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
POWER LINE CHOKES COMMON MODE CHOKES
logo
Abracon Corporation
ACMP-1566 ABRACON-ACMP-1566 Datasheet
935Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-3225 ABRACON-ACMP-3225 Datasheet
639Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-4528 ABRACON-ACMP-4528 Datasheet
666Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-5025 ABRACON-ACMP-5025 Datasheet
769Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-5045 ABRACON-ACMP-5045 Datasheet
1,019Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-7038 ABRACON-ACMP-7038 Datasheet
753Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-9050 ABRACON-ACMP-9050 Datasheet
760Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-Q2012 ABRACON-ACMP-Q2012 Datasheet
903Kb / 7P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q7040 ABRACON-ACMP-Q7040 Datasheet
1Mb / 6P
Automotive Power Common Mode Chokes
3/31/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com