Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP-Q2012 Datasheet(PDF) 5 Page - Abracon Corporation

Part # ACMP-Q2012
Description  Automotive Power Common Mode Chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMP-Q2012 Datasheet(HTML) 5 Page - Abracon Corporation

  ACMP-Q2012 Datasheet HTML 1Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 2Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 3Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 4Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 5Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 6Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Automotive Power Common Mode Chokes
ACMP-Q2012
2.0 x 1.2 x 1.2 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release
3/31/2022
ACMP ­
­
­
No. Description
Specification
a
Upper Plate
Ferrite
b
Core
Ferrite Core
c
Electrode
Ag/Ni/Sn
d
Wire
Enameled Copper Wire
Packaging
T: Tape & Reel 2000 pcs
Package L x H (mm)
2012: 2.0mm x 1.2mm
Impedance (Ω)
i.e. 201: 200Ω
Part Identification
Schematic
AEC-Q200
Q: Automotive Grade
Blank: Commercial grade
Materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com