Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP-Q2012 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACMP-Q2012
Description  Automotive Power Common Mode Chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMP-Q2012 Datasheet(HTML) 1 Page - Abracon Corporation

  ACMP-Q2012 Datasheet HTML 1Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 2Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 3Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 4Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 5Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 6Page - Abracon Corporation ACMP-Q2012 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Automotive Power Common Mode Chokes
ACMP-Q2012
2.0 x 1.2 x 1.2 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release
3/31/2022
Rated Current is based on an Irms temperature rise of 40°C
ACMP-Q2012 is AEC-Q200 Automotive certified
ACMP-Q2012 Series is RoHS Compliant and Pb free
Operating Temperature: -55°C to +125°C (Including self-heating)
Storage Temperature (on PCB): -55°C to +125°C
Storage (in original packaging): <40°C, <60% RH
Part Number
Impedance
(Ω) ±25%
@100MHz
DCR
(mΩ)
Rated Current
(A)
Rated
Voltage
(Vdc)
Insulation
Resistance
(MΩ)
Max
Max
Max
Min
ACMP-Q2012-670
67
250
0.4
50
10
ACMP-Q2012-900
90
300
0.4
50
10
ACMP-Q2012-121
120
300
0.4
50
10
ACMP-Q2012-161
160
350
0.35
50
10
ACMP-Q2012-181
180
350
0.35
50
10
ACMP-Q2012-201
200
400
0.3
50
10
ACMP-Q2012-221
220
400
0.3
50
10
ACMP-Q2012-261
260
400
0.3
50
10
ACMP-Q2012-361
360
500
0.3
50
10
•
AEC-Q200 compliant, Grade 1
•
PPAP ready and supported
•
Manufactured in TS/IATF 16949 production lines
•
Excellent impedance characteristics
•
Rated current up to 0.4A
•
DC power line common mode noise
suppression.
•
Multimedia devices
•
Automotive power train
•
Automotive infotainment
Electrical Specifications
Applications
Features


Similar Part No. - ACMP-Q2012

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMP-Q1260 ABRACON-ACMP-Q1260 Datasheet
693Kb / 5P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q1260-102 ABRACON-ACMP-Q1260-102 Datasheet
693Kb / 5P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q1260-701 ABRACON-ACMP-Q1260-701 Datasheet
693Kb / 5P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q3226 ABRACON-ACMP-Q3226 Datasheet
765Kb / 6P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q3226-102 ABRACON-ACMP-Q3226-102 Datasheet
765Kb / 6P
Automotive Power Common Mode Chokes
3/31/2022
More results

Similar Description - ACMP-Q2012

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMP-Q1260 ABRACON-ACMP-Q1260 Datasheet
693Kb / 5P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q3226 ABRACON-ACMP-Q3226 Datasheet
765Kb / 6P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q7040 ABRACON-ACMP-Q7040 Datasheet
1Mb / 6P
Automotive Power Common Mode Chokes
3/31/2022
ACMP-Q9050 ABRACON-ACMP-Q9050 Datasheet
1,020Kb / 6P
Automotive Power Common Mode Chokes
3/31/2022
ACMS-Q3222F ABRACON-ACMS-Q3222F Datasheet
696Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q3225C ABRACON-ACMS-Q3225C Datasheet
733Kb / 6P
Automotive Signal Common Mode Chokes
3/31/2022
ACMS-Q4523E ABRACON-ACMS-Q4523E Datasheet
686Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q4523F ABRACON-ACMS-Q4523F Datasheet
656Kb / 6P
Automotive Signal Common Mode Chokes
3/30/2022
ACMS-Q4526C ABRACON-ACMS-Q4526C Datasheet
734Kb / 6P
Automotive Signal Common Mode Chokes
3/31/2022
ACMS-Q4528 ABRACON-ACMS-Q4528 Datasheet
1,003Kb / 6P
Automotive Signal Common Mode Chokes
3/31/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com