Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP508 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP508
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP508 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP508 Datasheet HTML 1Page - Panasonic Semiconductor MIP508 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
unit: mm
1
Intelligent Power Devices (IPDs)
MIP508
Silicon MOS IC
s Features
q 3-pin intelligent power device
q Five protective functions (over-current, over-voltage, short circuit
load, over heat, ESD) are integrated
q Acceptable both AC and DC power supply
s Applications
q For lamp and solenoid drive
1: IN
2: Drain
3: Source
EIAJ: SC-62
Mini-Power Type Package (3-pin)
s Block Diagram
Gate cut-off circuit
ESD
protection
Over current
protection
Over voltage
protection
S
IN
D
Short circuit load
protection
Over heat
protection
4.5±0.1
3.0±0.15
1.5±0.1
0.4±0.08
0.5±0.08
1.5±0.1
0.4±0.04
1.6±0.2
45˚
marking
321
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Output voltage
Output peak current
Output current
Input voltage
Input current
Drain clamp energy
Allowable power
dissipation
Channel temperature
Storage temperature
TC = 25°C
TC = 85°C
TC = 25°C
Ta = 25°C
Ta = 85°C
Symbol
VDS
IOP
IO
VIN
IIN
ECLP
PD
Tch
Tstg
Ratings
40
±3
1
1
− 0.5 to 6
±5
24*
1
2
1*
2
0.52*
2
−40 to +150
−55 to +150
Unit
V
A
A
V
mA
mJ
W
°C
°C
*1 L = 10mH, V
DD = 20V, IL = 2.19A, TC = 25°C, 1pulse
*2 Mounting on the PCB (the copper foil of the drain portion should have a area of 100mm2 or more and the board thickness
should be 1.7mm.)


Similar Part No. - MIP508

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP502 PANASONIC-MIP502 Datasheet
38Kb / 3P
Silicon MOS IC
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
More results

Similar Description - MIP508

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
Silicon MOS IC
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP803 PANASONIC-MIP803 Datasheet
34Kb / 2P
Silicon MOS IC
MIP805 PANASONIC-MIP805 Datasheet
35Kb / 2P
Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
Silicon MOS IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com