Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP508 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIP508
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP508 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIP508 Datasheet HTML 1Page - Panasonic Semiconductor MIP508 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Power Devices (IPDs)
2
s Electrical Characteristics (T
C = 25 ± 3°C)
Parameter
Drain to Source ON-resistance
Drain to Source ON-voltage
Drain clamp voltage
Drain OFF current (1)
Drain OFF current (2)
Input voltage (High)
Input voltage (Low)
Input current
Over current protection limit
Short circuit load protection limit
Symbol
RDS(on)
VDS(on)
VDS(CLP)
IDS(off)1
IDS(off)2
VIN(H)
VIN(L)
IIN(on)
IOCP
VDS(SHT)
Conditions
VIN = 5V, IDS = 1A
VIN = 5V, IDS = 1A
VIN = 0, IDS = 3mA
VIN = 0, VDS = 12V
VIN = 0, VDS = 16V
IDS = 1A
IDS = 1mA
VIN = 5V, VDS = 0
VIN = 5V
VIN = 5V
min
40
4
2
2
typ
0.5
0.5
49
50
70
0.15
3
4
max
1.1
1.1
58
120
180
0.8
0.5
10
Unit
Ω
V
V
µA
µA
V
V
mA
A
V
MIP508
Note: The oscillation of the output current is caused when the drain voltage exceeds the short circuit load detection voltage under
the ON state of output.
s Electrical Characteristics (T
C = 25 ± 3°C)
Parameter
Over heat protection temperature
Symbol
TSHD
Conditions
VIN = 5V
min
160
typ
190
max
Unit
°C
Note 1: The above values of characteristics are not guaranteed values and are only references for designing.
Note 2: If the chip temperature exceeds the "Over Heat Protection Temperature", output current is shut down.
s Timing Chart
VIN
VDS
IDS
Latch cancel
ON
state
ON state
OFF state
Over
current
limiting
state
Short circuit
load state
Over heat protection
operating state
Over heat latch
Detecting short circuit load
Detecting
over heat



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com