Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61300Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61300Q
Description  5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61300Q Datasheet HTML 1Page - Diodes Incorporated AP61300Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES™ Advantage
The AP61300Q and AP61302Q provide a high-
efficiency, small foot-print, DC-DC buck converter
solution for automotive applications.
The DIODES™ AP61300Q and
DIODES™ AP61302Q are automotive-
compliant, 3A, synchronous buck
converters with a wide input voltage
range of 2.4V to 5.5V.
The devices integrate a 70mΩ high-side
power MOSFET and a 50mΩ low-side
power MOSFET to provide high-
efficiency stepdown DC-DC conversion.
The AP61302Q has a power-good
output that can be used in sequencing
control applications.
They are easily used by minimizing the
external component count due to its
adoption of Constant On-Time (COT)
control to achieve fast transient
response, easy loop stabilization, and
low output voltage ripple.
The AP61300Q/AP61302Q use their
enable (EN) pin to select whether they
work in a forced-PWM mode for all loads
or switch to PFM at lighter loads.
Both devices are available in the
SOT563 package and are pin-
compatible with their 1A counterparts
(AP61100Q/AP61102Q).
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous
Buck Converters in the Tiny SOT563
AP61300Q
AP61302Q
PFM Mode: Higher Efficiency at Light Loads
Provides 0.1μA shutdown current and a low 19μA
quiescent current
High Design Flexibility
- Wide input range: 2.4V to 5.5V
- Wide output voltage range: 0.6V to VIN
- Multifunctional EN pin to control PFM and PWM
operation modes
- Built-in power-good output (AP61302Q)
High-Side and Low-Side Current-Sense Protection
Improves design robustness by protecting both high-
side and low-side switches
High 2.2MHz Switching Frequency
Reduces the size and value of passive components
while COT control minimizes external component count
Automotive Applications
5V and 3.3V POL
applications
Infotainment
Telematics
Advanced driver assistance
systems (ADAS)
May 2022
Automotive compliant
– AEC-Q100 grade 1 qualified in
IATF 16949 certified manufacturing sites and supports
PPAP documentation
DIODES is a trademark of Diodes Incorporated in the
United States and other countries.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP61300Q DIODES-AP61300Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61300Q DIODES-AP61300Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
AP61300Q DIODES-AP61300Q Datasheet
397Kb / 2P
I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
AP61300QZ6-7 DIODES-AP61300QZ6-7 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
More results

Similar Description - AP61300Q

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP6320XQ DIODES-AP6320XQ Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com