Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP64100Q
Description  40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP64100Q Datasheet HTML 1Page - Diodes Incorporated AP64100Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES™ Advantage
The AP64060Q provides highly-efficient DC-DC conversion
for automotive PoL applications.
The DIODES
™ AP64060Q is a 600mA
synchronous buck converter with a wide
input voltage range of 4.5V to 40V. The
integrated 600mΩ high-side and 300mΩ
low-side power MOSFETs provide high-
efficiency step-down conversion.
The AP64060Q minimizes the external
component count by its adoption of
peak-current mode control along with
an integrated loop compensation
network, making it easy to design with
and use.
The AP64060Q design is optimized for
electromagnetic interference (EMI)
reduction.
The device has a proprietary gate driver
design to resist switching node ringing
without sacrificing MOSFET turn-on and
turn-off times. This reduces high-
frequency radiated EMI noise caused
by MOSFET switching.
The AP64060Q is available in the
TSOT26 package.
40V, 600mA, Synchronous Buck Converter Delivers
High Efficiency in Automotive Point-of-Load (PoL) Applications
AP64060Q
Wide 4.5V to 40V Input Voltage Range
Works across the full automotive voltage range, including
load dump
High Switching Frequency of 2.2MHz
Delivers reduced solution footprint beyond MW band
frequency
Low (90μA) Quiescent Current (I
Q) and 1μA Shutdown
Current
Enables systems to meet <100µA standby requirements of
many automotive applications
Packaged in the TSOT26
Maintains a small footprint and is industry-standard
Automotive Applications
Power systems
Infotainment
Instrument clusters
Telematics
Body electronics and
lighting
Advanced driver assistance
systems (ADAS)
August 2022
Automotive compliant
– AEC-Q100 grade 1 qualified in
IATF 16949 certified manufacturing sites and supports
PPAP documentation.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
DIODES is a trademark of Diodes Incorporated in the
United States and other countries.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - AP64100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64100Q DIODES-AP64100Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64100Q DIODES-AP64100Q Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64100QSP-13 DIODES-AP64100QSP-13 Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64100QSP-13 DIODES-AP64100QSP-13 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64100Q DIODES-AP64100Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
More results

Similar Description - AP64100Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
270Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
15A High Efficiency Point of Load Synchronous Buck Regulator
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
12A High Efficiency Synchronous Point of Load Buck Regulator
logo
International Rectifier
IRF7821TR IRF-IRF7821TR Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Diodes Incorporated
AP64100Q DIODES-AP64100Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com